전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5776 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN5776
상세설명  Synchronous Boost and Series / Parallel 10-LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5776 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5776 Datasheet HTML 5Page - Fairchild Semiconductor FAN5776 Datasheet HTML 6Page - Fairchild Semiconductor FAN5776 Datasheet HTML 7Page - Fairchild Semiconductor FAN5776 Datasheet HTML 8Page - Fairchild Semiconductor FAN5776 Datasheet HTML 9Page - Fairchild Semiconductor FAN5776 Datasheet HTML 10Page - Fairchild Semiconductor FAN5776 Datasheet HTML 11Page - Fairchild Semiconductor FAN5776 Datasheet HTML 12Page - Fairchild Semiconductor FAN5776 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5776
• Rev. 1.1.0
9
Typical Characteristics
VIN = 3.7 V, TA = 25°C, ILED = 5 x 20 mA, VOUT = 6.8 V, L1 = 4.7 µH, COUT = 10 µF (unless otherwise specified).
ILED CH1...CH5
10 mA/div
VOUT
1 V/div
ISW
200 mA/div
VSW
2 V/div
Time Base 400 ns/div
ILED CH1...CH3
100 mA/div
VOUT
1 V/div
VIN
1 V/div
EN13
1 V/div
Time Base 10 ms/div
Figure 16. Switch Waveform (VOUT, VSW, ISW)
Figure 17. Startup After Enable, Three
Strings Connected
ILED CH1...CH4
100 mA/div
VOUT
1 V/div
VIN
1 V/div
EN13=EN45
1 V/div
Time Base 20 ms/div
ILED CH1...CH5
100 mA/div
VOUT
1 V/div
VIN
1 V/div
EN13=EN45
1 V/div
Time Base 10 ms/div
Figure 18. Startup After Enable, Four Strings Connected
Figure 19. Startup After Enable, Five Strings Connected
ILED CH1...CH5
100 mA/div
VOUT
1 V/div
VIN
1 V/div
EN15
1 V/div
Time Base 2 ms/div
ILED CH1...CH5
100 mA/div
VOUT
1 V/div
EN13
1 V/div
Time Base 20 ms/div
EN45
1 V/div
Figure 20. LED PWM Startup, Five Strings Connected
Figure 21. Startup After LED1-3 Enable Followed by
LED4-5 Enable


유사한 부품 번호 - FAN5776

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5701 FAIRCHILD-FAN5701 Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC08X FAIRCHILD-FAN5701UC08X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC15X FAIRCHILD-FAN5701UC15X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC20X FAIRCHILD-FAN5701UC20X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC30X FAIRCHILD-FAN5701UC30X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
More results

유사한 설명 - FAN5776

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
   36V 2A Synchronous 2MHz Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
   Asynchronous boost 10 white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com