전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN54300 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN54300
상세설명  USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54300 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN54300 Datasheet HTML 1Page - Fairchild Semiconductor FAN54300 Datasheet HTML 2Page - Fairchild Semiconductor FAN54300 Datasheet HTML 3Page - Fairchild Semiconductor FAN54300 Datasheet HTML 4Page - Fairchild Semiconductor FAN54300 Datasheet HTML 5Page - Fairchild Semiconductor FAN54300 Datasheet HTML 6Page - Fairchild Semiconductor FAN54300 Datasheet HTML 7Page - Fairchild Semiconductor FAN54300 Datasheet HTML 8Page - Fairchild Semiconductor FAN54300 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54300
• Rev. 1.0.4
3
Block Diagrams
Figure 2. IC and System Block Diagram
Table 2. Recommended External Components
Component
Description
Vendor
Parameter
Typ.
Units
L1, L2:
Charge Currents to 1 A:
1
H, 20%, 1.3 A, 2016
Murata: LQM2MPN1R0M
L
1.0
H
DCR
85
m
Charge Currents Above 1 A:
1
H, 20%, 1.6 A, 2520
Murata: LQM2HPN1R0M
L
1.0
H
DCR
55
m
CBAT
10
F, 20%, 6.3 V, X5R, 0603
Murata: GRM188R60J106M
C
10
F
CMID1,2
4.7
F, 10%, 16 V, X5R, 0805
Murata: GRM21BR61C475K
C
4.7
F
CIN, CBUS
1.0
F, 10%, 16 V, X5R, 0603
Murata GRM188R61E105K
C
1.0
F
CBOOT
10 nF, 10%, 6.3 V, X5R, 0201
Murata GRM033R70J103K
C
10
nF
COUT
0.1
F, 10%, 6.3 V, X5R, 0201
Murata GRM033R60J104K
C
0.1
F
C2V5, CREF
1
F, 10%, 6.3 V, X5R, 0402
Murata GRM155R60J105M
C
1.0
F
PWM
MODULATOR
Q1
Q2
Q1A
Q1B
ISNS
PMID1
DAC
SW1
GND
PMID1
L1
VBAT
C
MID1
+
Battery
CSIN
1
H
4.7
F
6.3V
C
BAT
SYSTEM
LOAD
ICHARGE
CONTROL
SDA
SCL
OTG
VCC
VBUS
C
BUS
1
F
STAT
I2C
INTERFACE
LOGIC
AND
CONTROL
USB
POWER
OUTPUT
STAGE
PMID
OSC
30mA
C
OUT
0.1
F
R
SENSE
VBUS
OVP
I_IN
CONTROL
USB
POWER
INPUT
Q4
CHARGE
PUMP
VIN
C
IN
1
F
WALL
CHARGER
INPUT
PMID2
C
MID2
4.7
F 16V
WALL
POWER
OUTPUT
STAGE
PWM
MODULATOR
2
SW2
L2
1
H
BOOTV
C
BOOTV
10nF 6.3V
VREF
C
REF
1
F
VLIMIT
VREF
Q5
Q6
VREF
LED
SRST
DIS
V2V5
BOOTU
VREF
10nF 6.3V
C
BOOTU
C
2V5
Q3
CHARGE
PUMP


유사한 부품 번호 - FAN54300

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN5400 FAIRCHILD-FAN5400 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
FAN54005UCX ONSEMI-FAN54005UCX Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Fairchild Semiconductor
FAN5400UCX FAIRCHILD-FAN5400UCX Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results

유사한 설명 - FAN54300

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Texas Instruments
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com