전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA35ROCKER2POLE 데이터시트(PDF) 5 Page - Schurter Inc.

부품명 TA35ROCKER2POLE
상세설명  Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35ROCKER2POLE 데이터시트(HTML) 5 Page - Schurter Inc.

  TA35ROCKER2POLE Datasheet HTML 1Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 2Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 3Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 4Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 5Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Thermal (T- and TA-Line)
TA35 Rocker 2Pole
www.schurter.com/PG17_18_19
Circuit Breakers
Basic function
Configuration
key
2-pole, 1 bimetal, momentary switch, without illumination
CET
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Rocker colour
Rocker colour
Configuration
key
Clear transparent
1
Red transparent
3
Green transparent
4
Orange transparent
6
Blue transparent
7
Black
B
Green
G
Red
R
White
W
Orange
X
Yellow
Y
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Legend
Legend
Configuration
key
embossed
F
white printed
H
black printed
K
white printed
L
black printed
M
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Rated current
Rated current
Configuration
key
without thermal overload protection
C00
0.05 A
Z05
0.1 A
J01
0.2 A
J02
0.3 A
J03
Other rated currents on request
Rated current
Configuration
key
0.4 A
J04
0.5 A
J05
0.8 A
J08
1.0 A
J10
1.2 A
J12
1.5 A
J15
2.0 A
J20
2.5 A
J25
3.0 A
030
3.5 A
035
4.0 A
040
5.0 A
050
6.0 A
060
7.0 A
070
8.0 A
080
10.0 A
100
12.0 A
120
13.0 A
130
14.0 A
140
15.0 A
150
16.0 A
160
18.0 A
180
20.0 A
200
Other rated currents on request
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Reserve
Reserve
Configuration
key
reserve
C0
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Accessories
Factory mounted accessories
Configuration
key
Without cover
Transparent cover antibacterial, IP65
*CZM25
Transparent cover, IP65
CZM21
Raised collar with transparent cover, IP65
CZM23
Raised collar, IP65
CZM24
For subsequent fitting accessories see:
http://www.schurter.ch/accessory_cbe
*CCC Approval pending


유사한 부품 번호 - TA35ROCKER2POLE

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
More results

유사한 설명 - TA35ROCKER2POLE

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com