전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD86367_F085 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FDD86367_F085
상세설명  Automotive Engine Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86367_F085 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FDD86367_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2015 Fairchild Semiconductor Corporation
FDD86367_F085 Rev. 1.0
www.fairchildsemi.com
5
Figure 11.
45
67
89
10
0
10
20
30
40
50
ID = 80A
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 175oC
RDSON vs. Gate Voltage
Figure 12. Normalized RDSON vs. Junction
Temperature
-80
-40
0
40
80
120
160
200
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 80A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)
Figure 13.
-80
-40
0
40
80
120
160
200
0.0
0.3
0.6
0.9
1.2
1.5
VGS = VDS
ID = 250μA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs.
Temperature
Figure 14.
-80-40
0
40
80120
160
200
0.90
0.95
1.00
1.05
1.10
ID = 5mA
TJ, JUNCTION TEMPERATURE (oC)
Normalized Drain to Source
Breakdown Voltage vs. Junction Temperature
Figure 15.
0.1
1
10
80
10
100
1000
10000
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs. Drain to Source
Voltage
Figure 16.
0
2040
6080
0
2
4
6
8
10
VDD = 32V
40V
48V
ID = 80A
Qg, GATE CHARGE(nC)
Gate Charge vs. Gate to Source
Voltage
Typical Characteristics


유사한 부품 번호 - FDD86367_F085

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDD86367 ONSEMI-FDD86367 Datasheet
996Kb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Inchange Semiconductor ...
FDD86367 ISC-FDD86367 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD86367_F085

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
FDBL86361_F085 FAIRCHILD-FDBL86361_F085 Datasheet
401Kb / 6P
   Automotive Engine Control
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com