전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUA6030 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 TUA6030
상세설명  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 데이터시트(HTML) 2 Page - Infineon Technologies AG

  TUA6030 Datasheet HTML 1Page - Infineon Technologies AG TUA6030 Datasheet HTML 2Page - Infineon Technologies AG TUA6030 Datasheet HTML 3Page - Infineon Technologies AG TUA6030 Datasheet HTML 4Page - Infineon Technologies AG TUA6030 Datasheet HTML 5Page - Infineon Technologies AG TUA6030 Datasheet HTML 6Page - Infineon Technologies AG TUA6030 Datasheet HTML 7Page - Infineon Technologies AG TUA6030 Datasheet HTML 8Page - Infineon Technologies AG TUA6030 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Revision History: Current Version: Preliminary Data Sheet,V1.1, August 2000
Previous Version:Target Data Sheet, V1.0, November 1999
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
all
all
Version to V1.1, status to preliminary
Product Info
Product Info
Ordering code added.
4-2
4-2
Div. components changed.
4-3
4-3
Div. components changed.
5-2
5-2
Junction temperature and storage temperature +125
°C max.
5-5
5-5
Bus inputs SCL, SDA: VIH = 2.3 V.
5-8,5-9, 5-10
5-8,5-9, 5-10
Input conductance, input capacitance corrected.
5-10
5-10
Phase noise @
±1 kHz frequency offset deleted.
Phase noise, LOW band oscillator:
Φ
OSC = 92 dBc/Hz min @ ±10 kHz.
Phase noise, MID band oscillator:
Φ
OSC = 92 dBc/Hz min @ ±10 kHz.
5-11
5-11
Phase noise @
±1 kHz frequency offset deleted.
Phase noise, HIGH band oscillator:
Φ
OSC = 87 dBc/Hz min.
5-14
5-14
Table 5-5, Description of Symbols: CP and OS ’default’ added
5-15
5-15
Table 5-5, Test Modes: Normal operation ’default’ added.
5-14
5-14
Table 5-5, Description of Symbols: CP and OS ’default’ added.
5-15
5-15
Table 5-5, Test Modes: Normal operation ’default’ added.
5-16
5-16
Table 5-10, A to D converter levels, footnote ’No erratic codes in the transition’
added, Table 5-1, Defaults at power-on reset, Auxiliary byte, bit5 = 1.
5-18, 5-19,
5-20
5-18, 5-19,
5-20
Smith charts added..
div
div
Tbf’s replaced .
Revision History: Current Version: Data Sheet, V2.0, March 2001
Previous Version:Preliminary Data Sheet, V1.1, August 2000
all
all
Version to V2.0, preliminary deleted
3-3
3-3
LOW-/MID Oscillator: DC levels corrected
4-2, 4-3
4-2, 4-3
Application circuits modified
5-2
5-2
New definition of thermal properties.
5-6
5-6, 5-7
Saturation Voltages for P0, 2, 3 added
5-11
5-11
AGC take-over point: Min/max values added.
Mixer output impedance: Values added


유사한 부품 번호 - TUA6030

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

유사한 설명 - TUA6030

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com