전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AD4016M48VBA-5 데이터시트(Datasheet) 7 Page - List of Unclassifed Manufacturers

부품명 AD4016M48VBA-5
상세내용  Low voltage operation is more suitable to be used on battery backup, portable electronic
PDF  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 7 page
background image
Rev.1
Page 7
Absolute Maximum Ratings
Recommended DC Operating Conditions
Capacitance
Ta = 25°C, VCC = 3.3V
%, f = 1MHz
Note: 1. Capacitance measured with effective capacitance measuring method.
2. RAS, CAS = VIH to disable Dout.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VT
-0.5 to + 4.6
V
Supply voltage relative to Vss
VCC
-0.5 to + 4.6
V
Short circuit output current
IOUT
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TOPT
0 to + 70
°C
Storage temperature
TSTG
-55 to + 125
°C
Parameter/Condition
Symbol
3.3 Volt Version
Unit
Min
Typ
Max
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage, all inputs
VIH
2.0
- VCC + 0.3
V
Input Low Voltage, all inputs
VIL
-0.3
-
0.8
V
Parameter
Symbol
Typ
Max
Unit
Note
Input capacitance (Address)
CI1
-
5
pF
1
Input capacitance (RAS, CAS, OE, WE)
CI2
-
7
pF
1
Output capacitance
(Data-in, Data-out)
CI/O
-
7
pF
1, 2
10
±




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HD74ALVC2G04Low voltage and high speed operation is suitable for the battery powered products 1 2 3 4 5 MoreHitachi Semiconductor
SD275SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD200SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C T Operation 1 2 3 Sensitron
BH76806FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SVC381AM Low Voltage Electronic Tuning Applications 1 2 3 Sanyo Semicon Device
SD125SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
V18ZA05Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 1 2 3 4 5 MoreHarris Corporation
BH76809FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SD175SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl