전자부품 데이터시트 검색엔진 |
|
TL431BQDBZR 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
TL431BQDBZR 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 74 page R2 R1 |z | KA (1 + ( ∆I ∆V |z'| = ∆I KA ∆V KA |z | = KA (2) The dynamic impedance is defined as: When the device is operating with two external resistors (see Figure 21), the total dynamic impedance of the circuit is given by: which is approximately equal to . TL431, TL431A, TL431B TL432, TL432A, TL432B SLVS543O – AUGUST 2004 – REVISED JANUARY 2015 www.ti.com 7.10 Electrical Characteristics, TL431AQ, TL432AQ over recommended operating conditions, TA = 25°C (unless otherwise noted) TL431AQ, TL432AQ PARAMETER TEST CIRCUIT TEST CONDITIONS UNIT MIN TYP MAX Vref Reference voltage See Figure 20 VKA = Vref, IKA = 10 mA 2470 2495 2520 mV Deviation of reference input VI(dev) voltage over full temperature See Figure 20 VKA = Vref, IKA = 10 mA 14 34 mV range(1) Ratio of change in reference ΔVKA = 10 V – Vref –1.4 –2.7 ΔVref / voltage to the change in See Figure 21 IKA = 10 mA mV/V ΔVKA ΔVKA = 36 V – 10 V –1 –2 cathode voltage Iref Reference input current See Figure 21 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞ 2 4 µA Deviation of reference input II(dev) current over full temperature See Figure 21 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞ 0.8 2.5 µA range(1) Minimum cathode current for Imin See Figure 20 VKA = Vref 0.4 0.7 mA regulation Ioff Off-state cathode current See Figure 22 VKA = 36 V, Vref = 0 0.1 0.5 µA |zKA| Dynamic impedance(2) See Figure 20 VKA = Vref, f ≤ 1 kHz, IKA = 1 mA to 100 mA 0.2 0.5 Ω (1) The deviation parameters Vref(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over the rated temperature range. The average full-range temperature coefficient of the reference input voltage αVref is defined as: αVref is positive or negative, depending on whether minimum Vref or maximum Vref, respectively, occurs at the lower temperature. 10 Submit Documentation Feedback Copyright © 2004–2015, Texas Instruments Incorporated Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B |
유사한 부품 번호 - TL431BQDBZR |
|
유사한 설명 - TL431BQDBZR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |