전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2005D1DRBQ1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2005D1DRBQ1
상세설명  Mono Filter-Free Class-D Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1DRBQ1 데이터시트(HTML) 1 Page - Texas Instruments

  TPA2005D1DRBQ1 Datasheet HTML 1Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 2Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 3Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 4Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 5Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 6Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 7Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 8Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
_
+
IN–
IN+
PWM
H–
Bridge
VO+
VO–
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
+
Differential
Input
TPA2005D1
SHUTDOWN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA2005D1-Q1
SLOS474D – AUGUST 2005 – REVISED DECEMBER 2015
TPA2005D1-Q1 1.4-W Mono Filter-Free Class-D Audio Power Amplifier
1 Features
3 Description
The TPA2005D1-Q1 is a 1.4-W high-efficiency filter-
1
Qualified for Automotive Applications
free class-D audio power amplifier in a SON or
AEC-Q100 Qualified With the Following Results:
MSOP package that requires only three external
Device Temperature Grade 3 (DRB and DGN
components.
package non T-suffix): -40°C to 85°C Ambient
Features like 84% efficiency, –71-dB PSRR at
Operating Temperature Range
217 Hz, improved RF-rectification immunity, and 15-
Device Temperature Grade 2 (DGN package
mm2 total PCB area make TPA2005D1-Q1 ideal for
T-suffix): -40°C to 105°C Ambient Operating
low-power audio applications in infotainment and
cluster.
Temperature Range
Device HBM Classification Level 2
The device allows for independent gain control by
summing the signals from each function while
Device CDM Classification Level C5
minimizing noise to only 48µVRMS. Additionally, the
1.4 W Into 8
Ω From a 5-V Supply at
TPA2005D1-Q1 offers fast start-up time of 9ms with
THD = 10% (Typ)
minimal pop and has short circuit and thermal
Maximum Battery Life and Minimum Heat
protection.
Efficiency With an 8-
Ω Speaker:
Device Information(1)
84% at 400 mW
PART NUMBER
PACKAGE
BODY SIZE (NOM)
79% at 100 mW
MSOP-PowerPAD (8) 3.00 mm × 3.00 mm
TPA2005D1-Q1
2.8-mA Quiescent Current
SON (8)
3.00 mm × 3.00 mm
0.5-
μA Shutdown Current
(1) For all available packages, see the orderable addendum at
Only Three External Components
the end of the datasheet.
Optimized PWM Output Stage Eliminates LC
Application Circuit
Output Filter
Internally Generated 250-kHz Switching
Frequency Eliminates Capacitor and Resistor
Improved PSRR (–71 dB at 217 Hz) and Wide
Supply Voltage (2.5 V to 5.5 V) Eliminates
Need for a Voltage Regulator
Fully Differential Design Reduces RF
Rectification and Eliminates Bypass Capacitor
Improved CMRR Eliminates Two Input
Coupling Capacitors
Space-Saving Packages
3 mm x 3 mm SON package (DRB)
3 mm x 5 mm MSOP PowerPAD™ Package
(DGN)
2 Applications
Cluster
Head Unit
Telematics
Emergency Call (eCall)
Noise Generator
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - TPA2005D1DRBQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2005D1DRBQ1 TI-TPA2005D1DRBQ1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2005D1DRBQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com