전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP431DDGKT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP431DDGKT
상세설명  Temperature Sensor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431DDGKT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TMP431DDGKT Datasheet HTML 5Page - Texas Instruments TMP431DDGKT Datasheet HTML 6Page - Texas Instruments TMP431DDGKT Datasheet HTML 7Page - Texas Instruments TMP431DDGKT Datasheet HTML 8Page - Texas Instruments TMP431DDGKT Datasheet HTML 9Page - Texas Instruments TMP431DDGKT Datasheet HTML 10Page - Texas Instruments TMP431DDGKT Datasheet HTML 11Page - Texas Instruments TMP431DDGKT Datasheet HTML 12Page - Texas Instruments TMP431DDGKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
3
2
1
0
1
2
3
-
-
-
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Capacitance(nF)
GNDCollector-ConnectedTransistor(Auto)
Low-BetaTransistor(Disabled)
NOTE:SeeFigure12forschematicconfiguration.
Diode-Connected
Transistor(Auto,Disabled)
GNDCollector-
Connected
Transistor(Disabled)
3
2
1
0
1
2
3
-
-
-
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Capacitance(nF)
Low-BetaTransistor(Auto)
3
2
1
0
1
2
3
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
R ( )
W
S
Diode-ConnectedTransistor,2N3906(PNP)
(2)
GNDCollector-ConnectedTransistor,2N3906(PNP)
(1)(2)
NOTES(1):Temperatureoffsetistheresultof
-factorbeingautomaticallysetto1.000.
Approximate -factorof2N3906is1.008.
h
h
(2)SeeFigure11forschematicconfiguration.
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
-
-
-
-
-
0
100
200
300
400
500
R ( )
W
S
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Typical Characteristics (continued)
At TA = 25°C and V+ = 3.3 V, unless otherwise noted.
Figure 8. Remote Temperature Error vs Series Resistance
Figure 7. Remote Temperature Error vs Series Resistance
(Low-Beta Transistor)
At 25°C, V+ = 3.3 V, RS = 0 Ω
At 25°C, V+ = 3.3 V, RS = 0 Ω, Beta = 011 (AUTO)
Figure 9. Remote Temperature Error
Figure 10. Remote Temperature Error
vs Differential Capacitance
vs Differential Capacitance With 45-nm CPU
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP431 TMP432


유사한 부품 번호 - TMP431DDGKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP431DDGKT TI1-TMP431DDGKT Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
More results

유사한 설명 - TMP431DDGKT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com