전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP103HYFFR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP103HYFFR
상세설명  Low-Power, Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103HYFFR 데이터시트(HTML) 3 Page - Texas Instruments

  TMP103HYFFR Datasheet HTML 1Page - Texas Instruments TMP103HYFFR Datasheet HTML 2Page - Texas Instruments TMP103HYFFR Datasheet HTML 3Page - Texas Instruments TMP103HYFFR Datasheet HTML 4Page - Texas Instruments TMP103HYFFR Datasheet HTML 5Page - Texas Instruments TMP103HYFFR Datasheet HTML 6Page - Texas Instruments TMP103HYFFR Datasheet HTML 7Page - Texas Instruments TMP103HYFFR Datasheet HTML 8Page - Texas Instruments TMP103HYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SDA
B2
A2
B1
A1
SCL
GND
V+
TMP103
www.ti.com
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
5 Pin Configurations and Functions
YFF Package
4-Ball DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
A1
V+
I
Supply voltage
A2
GND
I
Ground
B1
SDA
I/O
Input/output data pin
B2
SCL
I
Input clock pin
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
V+
Supply voltage
3.6
V
Input voltage(2)
–0.3
(V+) + 0.3
V
Operating temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltage rating applies to all TMP103 input voltages.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Charged device model (CDM), per JEDEC specification JESD22-C101, all
V(ESD)
Electrostatic discharge
±1000
V
pins(2)
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage
1.4
3.6
V
TA
Operating free-air temperature
–40
125
°C
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP103


유사한 부품 번호 - TMP103HYFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP103HYFFR TI-TMP103HYFFR Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
More results

유사한 설명 - TMP103HYFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com