전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3116D2 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3116D2
상세설명  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA3116D2 Datasheet HTML 6Page - Texas Instruments TPA3116D2 Datasheet HTML 7Page - Texas Instruments TPA3116D2 Datasheet HTML 8Page - Texas Instruments TPA3116D2 Datasheet HTML 9Page - Texas Instruments TPA3116D2 Datasheet HTML 10Page - Texas Instruments TPA3116D2 Datasheet HTML 11Page - Texas Instruments TPA3116D2 Datasheet HTML 12Page - Texas Instruments TPA3116D2 Datasheet HTML 13Page - Texas Instruments TPA3116D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
+
+
+
+
+
SD
MUTE
TTL
Buffer
Gain
Control
GAIN
OUTPR_FB
RINP
RINN
Gain
Control
OUTPNR_FB
FAULT
SYNC
GAIN/SLV
AM<2:0>
PLIMIT
AVCC
GVDD
LDO
Regulator
LINP
LINN
GND
Input
Sense
PBTL
Select
OUTPL_FB
Gain
Control
OUTNL_FB
AVDD
GVDD
PLIMIT
Reference
Ramp
Generator
Biases and
References
Startup Protection
Logic
SC Detect
DC Detect
Thermal
Detect
UVLO/OVLO
PVCC
GVDD
PVCC
Gate
Drive
OUTNL_
FB
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
Modulation and
PBTL Select
OUTPL_FB
GND
OUTPL
BSPL
GND
OUTNL
BSNL
GND
BSNR
OUTPR
GND
OUTNR
OUTNR_
FB
BSPR
OUTPR_FB
PVCC
GVDD
PVCC
Gate
Drive
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
Modulation and
PBTL Select
PLIMIT
PLIMIT
+
+
+
+
+
+
Thermal
Pad
+
PVCC
PVCC
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPA311xD2-Q1 devices are highly efficient class-D audio amplifiers with integrated 120-m
Ω MOSFETs that
allow output currents up to 7.5 A. The high efficiency allows the amplifier to provide an excellent audio
performance without the need for a bulky heat sink.
The device can be configured for either master or slave operation by using the SYNC pin. Doing so helps to
prevent audible beat noise.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Gain Setting and Master and Slave
The gain of the TPA311xD2-Q1 family is set by the voltage divider connected to the GAIN/SLV control pin.
Master or slave mode is also controlled by the same pin. An internal ADC is used to detect the eight input states.
The first four stages set the GAIN in master mode to gains of 20, 26, 32, and 36 dB, respectively, whereas the
next four stages set the GAIN in slave mode to gains of 20, 26, 32, and 36 dB, respectively. The gain setting is
latched during power up and cannot be changed while device is powered. Table 2 lists the recommended resistor
values and the state and gain.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


유사한 부품 번호 - TPA3116D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2 TI-TPA3116D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3116D2DAD TI1-TPA3116D2DAD Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DAD TI1-TPA3116D2DAD Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

유사한 설명 - TPA3116D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com