전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3132D2RHBT 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3132D2RHBT
상세설명  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3132D2RHBT 데이터시트(HTML) 4 Page - Texas Instruments

  TPA3132D2RHBT Datasheet HTML 1Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 2Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 3Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 4Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 5Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 6Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 7Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 8Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPA3131D2, TPA3132D2
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
23
OUTNR
PO
Negative right channel output
24
GND
G
Ground
25
OUTPR
PO
Positive right channel output
26
BSPR
BST
Boot strap for positive right channel output, connect to 220nF X7R ceramic cap to OUTPR
27
PVCC
PI
Power supply
28
PVCC
PI
Power supply
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels with
29
SDZ
I
compliance to AVCC.
General fault reporting including Over-current_PVCC, OVP_DVDD
30
FAULTZ
DO
FAULT1Z = High, normal operation
FAULT1Z = Low, fault condition
31
INPR
I
Positive audio input for right channel. Biased at 3V.
32
INNR
I
Negative audio input for right channel. Biased at 3V.
33
Thermal pad
G
Connect to GND for best system performance. If not connected to GND, leave floating.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPA3131D2 TPA3132D2


유사한 부품 번호 - TPA3132D2RHBT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3132D2 TI-TPA3132D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
More results

유사한 설명 - TPA3132D2RHBT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com