전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6120A2DWPG4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6120A2DWPG4
상세설명  High Fidelity Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6120A2DWPG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA6120A2DWPG4 Datasheet HTML 5Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 6Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 7Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 8Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 9Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 10Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 11Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 12Page - Texas Instruments TPA6120A2DWPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1792
BCK
SCK
DGND
VDD
MS
MDI
MC
MDO
RST
AGND2
IOUTR−
VCC1
VCOML
VCOMR
IREF
IOUTR+
AGND3R
AGND1
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
28
27
26
25
VCC2L
AGND3L
IOUTL−
IOUTL+
5 V
VCC2R
0.1 mF
Controller
10 mF
3.3 V
PCM
Audio
Data
Source
0.1 mF
10 mF
+
+
47 mF
47 mF
5 V
10 mF
10 kW
+
CF 2.7 nF
RF
1 kW
0.1 mF
10 mF
5 V
+
V−
V+
4
12
13
14
−IND
OUTD
+
CF 2.7 nF
RF 1 kW
V−
V+
4
10
9
8
−INC
+
CF 2.7 nF
RF 1 kW
V−
V+
4
3
2
1
+
CF 2.7 nF
RF 1 kW
V−
V+
4
5
6
7
11
11
11
11
−INB
−INA
OUTA
OUTB
OUTC
+
1 k
VCC−
3
4
5
2
LOUT
0.1
mF
VCC+
LIN−
LIN+
0.1
mF
RO 39.2 W
4
+
RF
VCC−
18
17
16
19
ROUT
0.1
mF
VCC+
RIN−
RIN+
0.1
mF
20
1 kW
1 kW
RI
RF
1 kW
RI
1 kW
1 kW
1 k
RI
RF
1 kW
RI
RF
10 mF
0.1 mF
5 V
V+
10 mF
0.1 mF
−5 V
V−
OPA4134
100 mF
10 mF
12 V
VCC+
100 mF
10 mF
−12 V
VCC−
TPA6120A2
RO 39.2
W
TPA6120A2
www.ti.com
SLOS431B – MARCH 2004 – REVISED FEBRUARY 2015
9.4 Device Functional Modes
This device operates as a wide-bandwidth, current-feedback amplifier.
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
In many applications, the audio source is digital, and must go through a digital-to-analog converter (DAC) so that
traditional analog amplifiers can drive the speakers or headphones.
10.2 Typical Application
10.2.1 High Voltage, High Fidelity DAC + Headphone Amplifier Solution
Figure 13 shows a complete circuit schematic for such a system. The digital audio is fed into a high performance
DAC. The PCM1792, a Burr-Brown product from TI, is a 24-bit, stereo DAC.
Figure 13. Typical Application Circuit
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA6120A2


유사한 부품 번호 - TPA6120A2DWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6120A2DWPG4 TI-TPA6120A2DWPG4 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPG4 TI-TPA6120A2DWPG4 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

유사한 설명 - TPA6120A2DWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com