전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6133A2 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TPA6133A2
상세설명  138-mW DirectPath Stereo Headphone Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2 데이터시트(HTML) 4 Page - Texas Instruments

  TPA6133A2_15 Datasheet HTML 1Page - Texas Instruments TPA6133A2_15 Datasheet HTML 2Page - Texas Instruments TPA6133A2_15 Datasheet HTML 3Page - Texas Instruments TPA6133A2_15 Datasheet HTML 4Page - Texas Instruments TPA6133A2_15 Datasheet HTML 5Page - Texas Instruments TPA6133A2_15 Datasheet HTML 6Page - Texas Instruments TPA6133A2_15 Datasheet HTML 7Page - Texas Instruments TPA6133A2_15 Datasheet HTML 8Page - Texas Instruments TPA6133A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPA6133A2
SLOS821B – JUNE 2013 – REVISED SEPTEMBER 2014
www.ti.com
7 Specification
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
–0.3
6
V
CPVSS-0.2 V to minimum of
RIGHTINx, LEFTINx
(3.6 V, VDD+0.2 V)
Input voltage
SD, TEST1, TEST2
–0.3
7
V
Output continuous total power dissipation
See the Thermal Information Table
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–3
3
kV
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
–750
750
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
VIH
High-level input voltage
TEST1, TEST2, SD
1.3
V
VIL
Low-level input voltage
SD
0.35
V
Minimum Load Impedance
12.8
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
RTJ
THERMAL METRIC(1)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
34.8
RθJC(top)
Junction-to-case (top) thermal resistance
32.5
RθJB
Junction-to-board thermal resistance
11.6
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
11.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPA6133A2


유사한 부품 번호 - TPA6133A2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results

유사한 설명 - TPA6133A2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com