전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6120A2RGYR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6120A2RGYR
상세설명  High Fidelity Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6120A2RGYR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA6120A2RGYR Datasheet HTML 6Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 7Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 8Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 9Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 10Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 11Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 12Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 13Page - Texas Instruments TPA6120A2RGYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
+
RF = 1 kW
VCC+
RI = 1 kW
RS = 50 W
RO = 39.2 W
RL
VI
VCC−
TPA6120A2
SLOS431B – MARCH 2004 – REVISED FEBRUARY 2015
www.ti.com
Typical Application (continued)
10.2.1.1 Design Requirements
±12V Operation from bipolar power supply
Differential voltage source
Be transparent to the user
10.2.1.2 Detailed Design Procedure
The output of the PCM1792 is current, not voltage, so the OPA4134 is used to convert the current input to a
voltage output. The OPA4134 (SBOS058), is a low-noise, high-speed, high-performance operational amplifier. CF
and RF are used to set the cutoff frequency of the filter. The RC combination in Figure 13 has a cutoff frequency
of 59 kHz. All four amplifiers of the OPA4134 are used so the TPA6120A2 can be driven differentially.
The output of the OPA4134 goes into the TPA6120A2. The TPA6120A2 is configured for use with differential
inputs, stereo use, and a gain of 2V/V. Note that the 0.1µF capacitors are placed at every supply pin of the
TPA6120A2, as well as the 39.2
Ω series output resistor.
Each output goes to one channel of a pair of stereo headphones, where the listener enjoys crisp, clean, virtually
noise free music with a dynamic range greater than the human ear is capable of detecting.
10.2.1.2.1
Resistor Values
Figure 14. Single-Ended Input With A Noninverting Gain Of 2V/V
In the most basic configuration (see Figure 14), four resistors must be considered, not including the load
impedance. The feedback and input resistors, RF and RI, respectively, determine the closed-loop gain of the
amplifier. RO is a series output resistor designed to protect the amplifier from any capacitance on the output path,
including board and load capacitance. RS is a series input resistor.
The series output resistor should be between 10
Ω and 100Ω. The output series resistance eases the work of the
output power stage by increasing the load when low impedance headphones are connected, as well as isolating
any capacitance on the following traces and headphone cable.
Because the TPA6120A2 is a current-feedback amplifier, take care when choosing the feedback resistor. TI
recommends a lower level of 800
Ω for the feedback resistance. No capacitors should be used in the feedback
path, as they will form a short circuit at high frequencies.
The value of the feedback resistor should be chosen by using Figure 17 as a guideline. The gain can then be set
by adjusting the input resistor. The smaller the feedback resistor, the less noise is introduced into the system.
However, smaller values move the dominant pole to higher and higher frequencies, making the device more
susceptible to oscillations. Higher feedback resistor values add more noise to the system, but pull the dominant
pole down to lower frequencies, making the device more stable. Higher impedance loads tend to make the
device more unstable. One way to combat this problem is to increase the value of the feedback resistor. It is not
recommended that the feedback resistor exceed a value of 10k
Ω. The typical value for the feedback resistor for
the TPA6120A2 is 1k
Ω. In some cases, where a high-impedance load is used along with a relatively large gain
and a capacitive load, it may be necessary to increase the value of the feedback resistor from 1k
Ω to 2kΩ, thus
adding more stability to the system. Another method to deal with oscillations is to increase the size of RO.
CAUTION
Do not place a capacitor in the feedback path. Doing so can cause oscillations.
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPA6120A2


유사한 부품 번호 - TPA6120A2RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

유사한 설명 - TPA6120A2RGYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com