전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6205A1ZQVR 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPA6205A1ZQVR
상세설명  1.25-W Mono Fully Differential Audio Power Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6205A1ZQVR 데이터시트(HTML) 1 Page - Texas Instruments

  TPA6205A1ZQVR Datasheet HTML 1Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 2Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 3Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 4Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 5Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 6Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 7Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 8Page - Texas Instruments TPA6205A1ZQVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
_
+
VDD
VO+
VO-
GND
To Battery
Cs
Bias
Circuitry
IN-
IN+
+
-
In From
DAC
SHUTDOWN
RI
RI
RF
RF
C(
)
BYPASS
(Optional)
Actual Solution Size
6,9 mm
5,25 mm
(1)C
B
RI
RI
CS
RF
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SLOS490TPA6205A1
SLOS490C – JULY 2006 – REVISED NOVEMBER 2015
TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier
With 1.8-V Input logic Thresholds
1 Features
3 Description
The TPA6205A1 device is a 1.25-W mono fully
1
1.25 W Into 8-
Ω From a 5-V Supply at THD = 1%
differential amplifier designed to drive a speaker with
(Typical)
at least 8-
Ω impedance while consuming less than 37
Shutdown Pin has 1.8-V Compatible Thresholds
mm2 (ZQV package option) total printed-circuit-board
Low Supply Current: 1.7 mA Typical
(PCB) area in most applications. This device operates
from 2.5 V to 5.5 V, drawing only 1.7 mA of quiescent
Shutdown Current < 10 µA
supply current. The TPA6205A1 is available in the
Only Five External Components
space-saving 2-mm × 2-mm MicroStar Junior BGA
Improved PSRR (90 dB) and Wide Supply
package, and the space saving 3-mm × 3-mm QFN
Voltage (2.5 V to 5.5 V) for Direct Battery
(DRB) package.
Operation
Features like 85-dB PSRR from 90 Hz to 5 kHz,
Fully Differential Design Reduces RF
improved RF-rectification immunity, and small PCB
Rectification
area makes the TPA6205A1 ideal for wireless
handsets. A fast start-up time of 4s with minimal pop
Improved CMRR Eliminates Two Input
makes the TPA6205A1 ideal for PDA applications.
Coupling Capacitors
C(BYPASS) Is Optional Due to Fully Differential
Device Information(1)
Design and High PSRR
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Available in 3-mm × 3-mm QFN Package (DRB)
MSOP-PowerPAD (8) 3.00 mm × 3.00 mm
Available in an 8-Pin PowerPAD™ MSOP (DGN)
SON (8)
3.00 mm × 3.00 mm
TPA6205A1
Available in a 2-mm × 2-mm MicroStar Junior™
BGA MICROSTAR
2.00 mm × 2.00 mm
JUNIOR (8)
BGA Package (ZQV)
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
Designed for Wireless Handsets, PDAs, and
Other Mobile Devices
Compatible With Low Power (1.8-V Logic) I/O
Threshold Control Signals
Application Circuit
Example Solution Size
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - TPA6205A1ZQVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6205A1ZQVR TI-TPA6205A1ZQVR Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1ZQVR TI-TPA6205A1ZQVR Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1ZQVR TI1-TPA6205A1ZQVR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1ZQVR TI-TPA6205A1ZQVR Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
More results

유사한 설명 - TPA6205A1ZQVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com