전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3116D2DADR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3116D2DADR
상세설명  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2DADR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA3116D2DADR Datasheet HTML 2Page - Texas Instruments TPA3116D2DADR Datasheet HTML 3Page - Texas Instruments TPA3116D2DADR Datasheet HTML 4Page - Texas Instruments TPA3116D2DADR Datasheet HTML 5Page - Texas Instruments TPA3116D2DADR Datasheet HTML 6Page - Texas Instruments TPA3116D2DADR Datasheet HTML 7Page - Texas Instruments TPA3116D2DADR Datasheet HTML 8Page - Texas Instruments TPA3116D2DADR Datasheet HTML 9Page - Texas Instruments TPA3116D2DADR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
6.4 Thermal Information
TPA3130D2
TPA3118D2
TPA3116D2
THERMAL METRIC(1)
DAP(2)
DAP(3)
DAD(4)
UNIT
32 PINS
32 PINS
32 PINS
RθJA
Junction-to-ambient thermal resistance
36
22
14
ψJT
Junction-to-top characterization parameter
0.4
0.3
1.2
°C/W
ψJB
Junction-to-board characterization parameter
5.9
4.7
5.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For the PCB layout please see the TPA3130D2EVM user guide.
(3)
For the PCB layout please see the TPA3118D2EVM user guide.
(4)
The heat sink drawing used for the thermal model data are shown in the application section, size: 14mm wide, 50mm long, 25mm high.
6.5 DC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
SDZ = 2 V, No load or filter, PVCC = 12 V
20
35
ICC
Quiescent supply current
mA
SDZ = 2 V, No load or filter, PVCC = 24 V
32
50
SDZ = 0.8 V, No load or filter, PVCC = 12 V
<50
Quiescent supply current in shutdown
ICC(SD)
µA
mode
SDZ = 0.8 V, No load or filter, PVCC = 24 V
50
400
Drain-source on-state resistance,
rDS(on)
PVCC = 21 V, Iout = 500 mA, TJ = 25°C
120
m
Ω
measured pin to pin
R1 = 5.6 k
Ω, R2 = Open
19
20
21
dB
R1 = 20 k
Ω, R2 = 100 kΩ
25
26
27
G
Gain (BTL)
R1 = 39 k
Ω, R2 = 100 kΩ
31
32
33
dB
R1 = 47 k
Ω, R2 = 75 kΩ
35
36
37
R1 = 51 k
Ω, R2 = 51 kΩ
19
20
21
dB
R1 = 75 k
Ω, R2 = 47 kΩ
25
26
27
G
Gain (SLV)
R1 = 100 k
Ω, R2 = 39 kΩ
31
32
33
dB
R1 = 100 k
Ω, R2 = 16 kΩ
35
36
37
ton
Turn-on time
SDZ = 2 V
10
ms
tOFF
Turn-off time
SDZ = 0.8 V
2
µs
GVDD
Gate drive supply
IGVDD < 200 µA
6.4
6.9
7.4
V
Output voltage maximum under PLIMIT
VO
V(PLIMIT) = 2 V; VI = 1 Vrms
6.75
7.90
8.75
V
control
6.6 AC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple at 1 kHz, Gain = 20 dB, Inputs AC-
KSVR
Power supply ripple rejection
–70
dB
coupled to GND
THD+N = 10%, f = 1 kHz, PVCC = 14.4 V
25
PO
Continuous output power
W
THD+N = 10%, f = 1 kHz, PVCC = 21 V
50
THD+N
Total harmonic distortion + noise
VCC = 21 V, f = 1 kHz, PO = 25 W (half-power)
0.1%
65
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
VO = 1 Vrms, Gain = 20 dB, f = 1 kHz
–100
dB
Maximum output at THD+N < 1%, f = 1 kHz, Gain = 20 dB,
SNR
Signal-to-noise ratio
102
dB
A-weighted
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


유사한 부품 번호 - TPA3116D2DADR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3116D2DADR TI1-TPA3116D2DADR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DADR TI-TPA3116D2DADR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

유사한 설명 - TPA3116D2DADR

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com