전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72AY-1 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 LC72AY-1
상세설명  Komatsulite??LC Series Breaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LC72AY-1 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  LC72AY-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
06/08/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Caution when using Breaker (Continued)
HANDLING CAUTIONS
1.
Since the breaker body is composed of plastic parts, do not clamp or dent with tools as this could cause a resistance increase or body
damage.
2.
Breaker terminals are thin copper-alloy with right angle edges. Handle carefully to avoid injury to fingers. Handling while wearing finger
cots and tweezers is recommended.
3.
When welding breaker terminals or mounting the breaker on a cell or PCM board, be careful to avoid placing excessive stress on the
breaker body and terminals. Excessive stress may cause a resistance increase or body damage. Please refer to the following cautions:
a) Do not apply more than 10 N moment to the breaker body (refer to Figure 1)
b) Do not apply more than 1.5 cN-m twist torque to the breaker body (refer to Figure 2)
c) Do not apply more than 20 N bending force to the breaker body (refer to Figure 3)
d) Do not apply more than 0.6 cN-m twist torque to the breaker terminals (refer to Figure 4)
e) Do not apply more than 2 N force to the breaker terminals (refer to Figure 5)
f)
Do not bend terminals more than 45 ° at root (refer to Figure 6)
g) Do not twist terminals more than 20 ° with the breaker body affixed.
4.
In breaker body welding, normally there is direct welding (Figure 7) and series welding (Figure 8). In either case, use a suitable jig so that
there will be no stress as stated above.
5.
Pull-and-detach strength of the terminal welding should be to your own specification. If the welding result is controlled by resistance,
measurement should be made at close point to the breaker body by “4-point clip method” using a milliohm meter to ensure accuracy
(refer to Figure 9).
6.
Avoid putting stress as shown above in 3-a) to 3-g) when the jig is used for welding/additional processing.
Rod A
Rod B
Rod A
Figure 1
Figure 2
Figure 9
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
Figure 8
Rod B
45 °
45 °
45 °
45 °
milliohm meter
Due to possible updates to safety standards and other reasons, there may be changes in
specifications for this data sheet without prior notification. Therefore, before design-in for
your application, please contact us for the most up-to-date specifications.
MF-NSMF Series - PTC Resettable Fuses
KomatsuliteLC Series Breaker


유사한 부품 번호 - LC72AY-1

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7200 SANYO-LC7200 Datasheet
608Kb / 16P
   C-MOS LSI
LC7201 SANYO-LC7201 Datasheet
608Kb / 16P
   C-MOS LSI
LC7203 SANYO-LC7203 Datasheet
608Kb / 16P
   C-MOS LSI
LC7207 SANYO-LC7207 Datasheet
608Kb / 16P
   C-MOS LSI
logo
Seoul Semiconductor
LC720Z SEOUL-LC720Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

유사한 설명 - LC72AY-1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
   Komatsulite HC Series Breaker
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
Bourns Electronic Solut...
AA72AB0 BOURNS-AA72AB0 Datasheet
469Kb / 5P
   Formerly KOMATSULITE a product
logo
Sharma Electro Componen...
LC SHARMA-LC Datasheet
331Kb / 2P
   LC Series
logo
Littelfuse
LC103J2G LITTELFUSE-LC103J2G Datasheet
194Kb / 2P
   LC Series Miniature Thermistors
Revised: March 23, 2021
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
368Kb / 11P
   LC SERIES TRANSMITTER MODULE
logo
Molex Electronics Ltd.
0885236604 MOLEX10-0885236604 Datasheet
96Kb / 2P
   LC-to-LC, Multimode
logo
List of Unclassifed Man...
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com