전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817-40W 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 BC817-40W
상세설명  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817-40W 데이터시트(HTML) 5 Page - Infineon Technologies AG

  BC817-40W Datasheet HTML 1Page - Infineon Technologies AG BC817-40W Datasheet HTML 2Page - Infineon Technologies AG BC817-40W Datasheet HTML 3Page - Infineon Technologies AG BC817-40W Datasheet HTML 4Page - Infineon Technologies AG BC817-40W Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BC817W, BC818W
5
Nov-29-2001
DC current gain hFE = f (IC)
VCE = 1V
10
EHP00224
BC 817/818
-1
3
10
mA
0
10
3
10
5
5
10
0
10
1
10
1
C
FE
h
Ι
2
10
2
10
˚C
100
5
25 ˚C
-50 ˚C
Transition frequency fT = f (IC)
VCE = 5V
10
EHP00218
BC 817/818
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
10
EHP00215
CEsat
V
0.4
V
0.8
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
0.2
0.6
-50
25
150 ˚C
˚C
˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
0
10
EHP00222
BC 817/818
BEsat
V
2.0
V
4.0
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
1.0
3.0
˚C
-50
25 ˚C
˚C
150


유사한 부품 번호 - BC817-40W

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC817-40W PHILIPS-BC817-40W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BC817-40W NEXPERIA-BC817-40W Datasheet
319Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
logo
Siemens Semiconductor G...
BC817-40W SIEMENS-BC817-40W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Diodes Incorporated
BC817-40W DIODES-BC817-40W Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
Infineon Technologies A...
BC817-40W INFINEON-BC817-40W Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
More results

유사한 설명 - BC817-40W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com