전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846UPN 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BC846UPN
상세설명  NPN/PNP Silicon AF Transistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC846UPN 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BC846UPN Datasheet HTML 1Page - Infineon Technologies AG BC846UPN Datasheet HTML 2Page - Infineon Technologies AG BC846UPN Datasheet HTML 3Page - Infineon Technologies AG BC846UPN Datasheet HTML 4Page - Infineon Technologies AG BC846UPN Datasheet HTML 5Page - Infineon Technologies AG BC846UPN Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC846UPN
Aug-21-2002
4
Total power dissipation Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0


유사한 부품 번호 - BC846UPN

제조업체부품명데이터시트상세설명
logo
AUK corp
BC846U AUK-BC846U Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
logo
Infineon Technologies A...
BC846U INFINEON-BC846U Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BC846U INFINEON-BC846U Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
KODENSHI_AUK CORP.
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
logo
Infineon Technologies A...
BC846U INFINEON-BC846U Datasheet
843Kb / 10P
   NPN Silicon AF Transistor Arrays
2012-04-04
More results

유사한 설명 - BC846UPN

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
logo
Chenmko Enterprise Co. ...
CHT06UPNPT CHENMKO-CHT06UPNPT Datasheet
98Kb / 5P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_11 Datasheet
533Kb / 7P
   NPN / PNP Silicon AF Transistor Array
2011-10-05
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BCM856S INFINEON-BCM856S_07 Datasheet
92Kb / 9P
   PNP Silicon AF Transistor Array
2007-04-27
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com