전자부품 데이터시트 검색엔진 |
|
AZV3001 데이터시트(PDF) 1 Page - Diodes Incorporated |
|
AZV3001 데이터시트(HTML) 1 Page - Diodes Incorporated |
1 / 11 page AZV3001/3002 Document number: DS37616 Rev. 3 - 2 1 of 11 www.diodes.com December 2015 © Diodes Incorporated AZV3001, AZV3002 Single/Dual Channel Low Voltage Push-Pull Output Comparators Description AZV3001 and AZV3002 are single and dual channel comparators developed for new generation low-power comparator families for battery-powered devices and systems requiring low voltage operation. The supply current each comparator typically consumes is 6µA to extend battery life. It is guaranteed to operate at a low voltage of 1.6V and is fully operational up to 5.5V. These features make the AZV3001 and AZV3002 convenient for use in 1.8V, 3.0V and 5.0V systems, and are perfectly suitable for battery-powered devices from its low-power characteristics. The AZV3001 and AZV3002 have complementary push-pull output stage comprised of P- and N-Channel MOSFET for each comparator capable of driving rail-to-rail output swing. The whole family is packaged in miniaturized packaging to reduce the space needed on PCB boards. The AZV3001 is available in X2- DFN1410-6; the AZV3002 is available in U-FLGA1616-8 and SO-8 . Features Low Supply Current: 6µA (typical) Wide Supply Voltage Range: 1.6~5.5V Rail to Rail Input/ Output Performance Push-Pull Output Structure Propagation Delay: 0.8µs (typical) Low Input Bias Current: 1pA (typical) No Phase Inversion with Overdrive Input Signals Internal Hysteresis X2-DFN1410-6, U-FLGA1616-8 and SO-8 Package: Available in “Green” Molding Compound (No Br. Sb.) Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Applications Mobile Phones Tablets Battery Powered Devices Alarm and Security Systems Pin Assignments AZV3001 6 5 4 2 3 1 OUT VEE IN+ VCC N.C. IN- Top View (X2-DFN1410-6) AZV3002 Top View (U-FLGA1616-8) 1 2 3 4 8 7 6 5 OUTPUT1 INPUT1- INPUT1+ OUTPUT2 INPUT2- INPUT2+ VCC GND Top View (SO-8) Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. VCC VEE OUT2 OUT1 IN2- IN2+ IN1- IN1+ |
유사한 부품 번호 - AZV3001 |
|
유사한 설명 - AZV3001 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |