전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV3001FZ4-7 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 AZV3001FZ4-7
상세설명  Single/Dual Channel Low Voltage Push-Pull Output Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV3001FZ4-7 데이터시트(HTML) 2 Page - Diodes Incorporated

  AZV3001FZ4-7 Datasheet HTML 1Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 2Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 3Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 4Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 5Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 6Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 7Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 8Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AZV3001/3002
Document number: DS37616 Rev. 3 - 2
2 of 11
www.diodes.com
December 2015
© Diodes Incorporated
AZV3001, AZV3002
Pin Descriptions
AZV3001
Pin Name
Pin Number
Function
VCC
6
Supply Voltage
VEE
2
Supply Voltage
IN+
3
Non-Inverting Input
IN-
4
Inverting Input
OUT
1
Comparator Output
N.C.
5
No Connection
AZV3002
Pin Name
Pin Number
Function
U-FLGA1616-8
SO-8
VCC
8
8
Supply Voltage
VEE
4
4
Supply Voltage
IN1+
3
3
Non-Inverting Input of Comparator 1
IN1-
2
2
Inverting Input of Comparator 1
OUT1
1
1
Comparator 1 Output
IN2+
5
5
Non-Inverting Input of Comparator 2
IN2-
6
6
Inverting Input of Comparator 2
OUT2
7
7
Comparator 2 Output
Functional Block Diagram
VCC
IN+
IN-
VEE
Output
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
-
6
V
VI
Input Voltage
-0.3
VCC+0.3
V
tSC(O)
Output Short-Circuit Time
-
Indefinite
S
Tj(max)
Maximum Junction Temperature
-
+150
°C
TSTG
Storage Temperature
-65
+150
°C
θJA
Thermal Resistance
(Junction-to-Ambient)
X2-DFN1410-6
315
°C/W
U-FLGA1616-8
306
SO-8
220
θJC
Thermal Resistance
(Junction-to-Case)
X2-DFN1410-6
150
°C/W
U-FLGA1616-8
122
SO-8
80


유사한 부품 번호 - AZV3001FZ4-7

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results

유사한 설명 - AZV3001FZ4-7

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com