전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2003F12FN-7 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 ULN2003F12FN-7
상세설명  Multi-Channel Relay and Inductive Load Sink Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ULN2003F12FN-7 데이터시트(HTML) 6 Page - Diodes Incorporated

  ULN2003F12FN-7 Datasheet HTML 1Page - Diodes Incorporated ULN2003F12FN-7 Datasheet HTML 2Page - Diodes Incorporated ULN2003F12FN-7 Datasheet HTML 3Page - Diodes Incorporated ULN2003F12FN-7 Datasheet HTML 4Page - Diodes Incorporated ULN2003F12FN-7 Datasheet HTML 5Page - Diodes Incorporated ULN2003F12FN-7 Datasheet HTML 6Page - Diodes Incorporated ULN2003F12FN-7 Datasheet HTML 7Page - Diodes Incorporated ULN2003F12FN-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ULN2003V12, ULN2003F12
Document number: DS37620 Rev. 1 - 2
6 of 8
www.diodes.com
February 2015
© Diodes Incorporated
ULN2003V12, ULN2003F12
Performance Characteristics (Cont.)
Output Current vs. Output Voltage
Diode Forward Voltage vs. Diode Forward Current
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
Output Voltage (V)
T
A
= 25
OC
V
IN
= 0 V
V
COM
= V
CC
0
25
50
75
100
125
150
175
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Diode Forward Current (mA)
T
A
= 25
OC
Diode Reverse Current vs. Diode Reverse Voltage
0
5
10
15
20
25
30
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Diode Reverse Voltage (V)
T
A
= 25
OC


유사한 부품 번호 - ULN2003F12FN-7

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ULN2003F12FN-7 DIODES-ULN2003F12FN-7 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
More results

유사한 설명 - ULN2003F12FN-7

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
logo
Texas Instruments
ULN2003V12 TI1-ULN2003V12 Datasheet
1Mb / 18P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
ULN2003LV TI1-ULN2003LV Datasheet
1Mb / 19P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com