전자부품 데이터시트 검색엔진 |
|
SI536 데이터시트(PDF) 7 Page - Silicon Laboratories |
|
SI536 데이터시트(HTML) 7 Page - Silicon Laboratories |
7 / 12 page Si535/536 Rev. 1.1 7 3. Ordering Information The Si535/536 XO supports a variety of options including frequency, temperature stability, output format, and VDD. The Si535 and Si536 XO series are supplied in an industry-standard, RoHS compliant, 6-pad, 5 x 7 mm package. The Si536 Series supports an alternate OE pinout (pin #1) for the LVPECL and LVDS output formats. See Tables 9 and 10 for the pinout differences between the Si535 and Si536 series. Figure 2. Part Number Convention 53x X X 1 st Option Code VDD Output Format Output Enable Polarity A 3.3 LVPECL High B 3.3 LVDS High E 2.5 LVPECL High F 2.5 LVDS High D G R Tape & Reel Packaging Blank = Trays Operating Temp Range (°C) G -40 to +85 °C Device Output Enable 535 pin 2 536 pin 1 Example P/N: 535AB156M250DGR is a 5 x 7 XO in a 6 pad package. The frequency is 156.250 MHz, with a 3.3 V supply, LVPECL output, and Output Enable active high polarity. Temperature stability is specifed as ±20 ppm. The part is specified for –40 to +85 °C ambient temperature range operation and is shipped in tape and reel format. 2 nd Option Code Code Temperature Stability (ppm, max, ±) Total Stablility (ppm, max, ±) B 20 31 .5 C7 20 Frequency (e.g., 156M250 is 156.250 MHz) Select frequencies available in the frequency range 100 to 312.5 MHz are listed below. Frequencies requiring greater than 6 digit resolution are assigned a six digit code. Part Revision Letter Available Frequencies Frequency Order Code 106.250 MHz 106M250 125.000 MHz 125M000 150.000 MHz 150M000 155.520 MHz 155M520 156.250 MHz 156M250 156.2578 MHz 000305 156.2539 MHz 000335 156.26953 MHz 000338 161.1328 MHz 000174 166.6286 MHz 000118 167.3316 MHz 000119 212.500 MHz 212M500 312.500 MHz 312M500 159.375 MHz 159M375 XXXMXXX 100.000 MHz 100M000 |
유사한 부품 번호 - SI536 |
|
유사한 설명 - SI536 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |