전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

40-3570-11 데이터시트(PDF) 1 Page - Aries Electronics, Inc.

부품명 40-3570-11
상세설명  Zero-Insertion-Force DIP Test Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARIES [Aries Electronics, Inc.]
홈페이지  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

40-3570-11 데이터시트(HTML) 1 Page - Aries Electronics, Inc.

  40-3570-11 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10019
Rev. 1.5
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FITS TEST SOCKET RECEPTACLE XX-6556-XX, SEE DATA SHEET 10003
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• AcceptsDeviceson0.300to0.600[7.62to15.24]Centers
• AllPinCountSocketsgointoPCBwitheither0.300or0.600[7.62or15.24]Centers
• Quick-releaseHandleSwingsDowntoOpenContactsforDeviceInsertion;Releasing
HandleAutomaticallyReturnstoCloseontoDeviceLeads
• HandleMountedoneitherRight-orLeft-handSide
• SolderintoPCBsorPluggedintoAnySocket
GENERAL SPECIFICATIONS
STANDARD SOCKET BODY:BlackUL94V-0Glass-filledPolyphenyleneSulfide(PPS)
HIGH-TEMP SOCKET BODY:naturalcolorPolyetheretherketone(PEEK)
HANDLE:StainlessSteel
HANDLE KNOB:Brass360,1/2-hard(noKnobonLoophandle)
CONTACT MATERIAL:BeCu172perQQ-C-553;Spinodal;BeNi360,1/2-hard
ALL BeCu CONTACTS:50μ[1.27μ]min.NiunderplateperQQ-N-290,overplatedwith
200μ[5.08μ]min.matteSnperASTMB545-97;
–OR–200μ[5.08μ]min.90/10Sn/
PbperMIL-T-10727-1110μ[0.25μ]min.AuperMIL-G-45204
SPINODAL CONTACT PLATING:50μ[1.27μ]min.NiB
HIGH-TEMPERATURE BeNi CONTACT PLATING:50μ[1.27μ]NiB
CONTACT CURRENT RATING:1amp
INSULATION RESISTANCE: 1000 MΩmin.
DIELECTRIC WITHSTANDING VOLTAGE:1000VAC
LIFE CYCLE:25,000to50,000cycles
OPERATING TEMPERATURE:min.-67°F[-55°C];max.221°F[105°C]forSnplating,
302°F[150°C]forAuplating,392°F[200°C]forNiBplating,482°F[250°C]forhigh-
tempsocket
RETENTION FORCE (closed):55g/pinbasedona0.020[0.51]dia.testlead
ACCEPTS LEADS:0.015-0.035[0.38-0.89]wide,0.110-0.280[2.79-7.11]long
MOUNTING CONSIDERATIONS
• See
SOCKET FOOTPRINTbelow
Series 57 Quick-Release Universal
Zero-Insertion-Force DIP Test Socket
Handle
Dim “H1”
Dim. “H2”
Dim “H3”
Longw/Knob
0.568[14.43]
0.300[7.62]
0.471[11.96]
Shortw/Knob
0.317[8.05]
0.400[10.16]
0.252[6.40]
Loop(noKnob) 0.270[6.86]
0.193[4.90]
0.405[10.29]
ORDERING INFORMATION
XX-X 57 X-X X
Plating
0=SnoverNi
0TL=Sn/PboverNi
1=AuoverNi
6=NiB(Spinodal)
8=Hi-tempSocket
Termination
1=SolderPinTail
45° Handle Options
0=LongHandle,RightSide
1=LongHandle,LeftSide
2=ShortHandle,RightSide
3=ShortHandle,LeftSide
4=LoopHandle,RightSide*
5=LoopHandle,LeftSide*
Series
Row-to-Row Spacing(btm)
3=0.300[7.62]
6=0.600[15.24](Std)
Pins
24,28,32,36,40,42,44,48
*Hi-TempSocketOnly


유사한 부품 번호 - 40-3570-11

제조업체부품명데이터시트상세설명
logo
Aries Electronics, Inc.
40-3570-11 ARIES-40-3570-11 Datasheet
551Kb / 2P
   Quick-Release Universal Zero-Insertion-Force DIP Test Socket
More results

유사한 설명 - 40-3570-11

제조업체부품명데이터시트상세설명
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10001 ARIES-10001 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
24-3570-10 ARIES-24-3570-10 Datasheet
551Kb / 2P
   Quick-Release Universal Zero-Insertion-Force DIP Test Socket
24-3551-18 ARIES-24-3551-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com