전자부품 데이터시트 검색엔진 |
|
LKG1E472MESCBK 데이터시트(PDF) 1 Page - Nichicon corporation |
|
LKG1E472MESCBK 데이터시트(HTML) 1 Page - Nichicon corporation |
1 / 8 page 347 ALUMINUM ELECTROLYTIC CAPACITORS CAT.8100E Performance Characteristics Tangent of loss angle (tan δ) Less than or equal to the initial specified value 200% or less than the initial specified value Within ±20% of the initial capacitance value LKG Lug/Snap-inTerminalType, For Audio Equipment Disigned for high grade audio equipment, giving priority to high fidelity sound quality. The variation expansion of the LKG. TYPE-1: The low profile high tone quality grade of the new development electrolyte adoption. TYPE-2: The center grade that the best sound is provided electrode foil, with the multiple use. TYPE-3: The highest tone quality grade by the low drag the gold plating terminal adoption. The sound quality that it meets the high tone quality needs for HD Audio equipment. Compliant to the RoHS directive (2011/65/EU). Specifications Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current Stability at Low Temperature Shelf Life Marking Item – 40 to +85°C 16 to 100V (TYPE-1, TYPE-2, TYPE-3) 680 to 33000µF ± 20% at 120Hz, 20°C After 5 minutes' application of rated voltage, leakage current is not more than (µA), [C : Rated Capacitance(µF), V : Voltage ( V ) ] Printed with gold color letter on black sleeve. Measurement frequency : 120Hz The specifications listed at right shall be met when the capacitors are restored to 20°C after the rated voltage is applied for 1000 hours at 85°C. After storing the capacitors under no load at 85°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above. Z – 25°C/Z+20°C Z – 40°C/Z+20°C Rated voltage(V) Impedance ratio ZT/Z20(MAX.) 16 to 100 4 12 Type numbering system (Snap-in terminal type) (Example : Gold Tune 25 V 6800µF, Dia.φ30) Type numbering system (Lug terminal type) (Example : Super Through 50 V 15000µF) High Grade L 1 G 2 K 3 1 4 H 5 1 6 5 7 3 8 M 9 K 10 Z 11 S 12 Configuration Grade Capacitance tolerance(±20%) Rated capacitance(15000µF) Rated voltage(50V) Series name Type L 1 G 2 K 3 1 4 E 5 6 6 8 7 2 8 M 9 E 10 S 11 B 12 Configuration Case dia.code Capacitance tolerance (±20%) Rated capacitance(6800µF) Rated voltage(25V) Series name K 13 B 14 Grade Type Grade TYPE-1(Gold Tune) TYPE-2(Gold Tune) TYPE-3(Super Through) Code AK BK CK Grade TYPE-1(Gold Tune) TYPE-2(Gold Tune) TYPE-3(Super Through) Code F — S 1 2 Pb-free terminal Pb-free PET sleeve ES Configuration 1 Measurement frequency : 120Hz at 20°C TYPE Rated voltage(V) tan δ (MAX.) TYPE-3 TYPE-1, TYPE-2 Endurance Capacitance change Leakage current tan δ 16 25 to 63 0.30 0.35 80 • 100 16 0.25 0.25 25 to 63 0.22 80 • 100 0.20 Gold Tune Super Through 3 CV 3 CV 3 CV (Snap-in terminal type) (Lug terminal type) 11±2 1.5 0.8 +0.2 -0.1 +0. 2 -0.1 0.8 +0.2 -0.1 (10) 6.3±1 For capacitance of more than 22000µF, add 0.02 for every increase of 1000µF. Configuration φ 35 to φ 40 φ 50 to φ 76 Dimension table in next page. |
유사한 설명 - LKG1E472MESCBK |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |