전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPICM50G-S033600 데이터시트(PDF) 1 Page - Total Power International

부품명 TPICM50G-S033600
상세설명  FREE AIR CONVECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPICM50G-S033600 데이터시트(HTML) 1 Page - Total Power International

  TPICM50G-S033600 Datasheet HTML 1Page - Total Power International TPICM50G-S033600 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC-DC MEDICAL & ITE APPLICATION
OPEN FRAME INTERNAL SWITCHING POWER SUPPLIES
50WATTS GREEN POWER SINGLE OUTPUT
TPICM50G SERIES
FEATURES:
COMPACT 4”x2” PCB FORMAT
FREE AIR CONVECTION
NO LOAD POWER CONSUMPTION <0.3W
MEET MEDICAL STANDARDS IEC60601-1
& ITE STANDARDS IEC60950-1
EMI MEET CISPR EN55022 CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: 20-50 watts.
Line Regulation: Typical 0.1%.
Load Regulation: Typical ±1.5%.
Noise & Ripple: Typical 1.0% peak to peak.
OVP: Built-in at VO1(Latch).
Adjustability: Not available.
Overload Protection (OLP):
Fully protected against outputs overload and short circuit.
Typ. OLP set at 125-150% of rating output power.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: ≤10A rms at cold start 230Vac.
Input Current: Typ. 0.7A at 115Vac, 0.4A at 230Vac.
Dielectric Withstand: Meet IEC 60950-1 & IEC60601-1.
EMI: Meet CISPR EN55022 Class B (Please refer to note 4).
Hold-up Time: Typ. 16mS at 115Vac, 90.mS at 230Vac.
Earth Leakage: Less than 0.2mA at 230Vac.
No Load Power: Less than 0.3Watt.
GENERAL SPECIFICATION
Efficiency: Typ. 83-90% (various with the output voltage)
Switching Frequency: 65K Hz.
Circuit Topology: Fixed frequency flyback circuit.
Transient Response: Output voltage returns in less than
1mS following a 25% load change.
Safety Standard: IEC 60950-1 & IEC60601-1 Class I.
Operating Temperature: -20 to +50 °C at full load
without forced air flow.
Storage Temperature: -25 to +85°C.
Cooling: Free air convection.
Construction: 4”x2”x1.01” PCB format.
Power Density: 6.2 Watts / Cubic Inch.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
%).
(3) Due to requests in market and advances in technology, specifications subject to change without notice.
(4) Radiated EMI can pass Class B with external T core input and output added.
In application
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US)
PH#978-453-7272
www.total-power.com


유사한 부품 번호 - TPICM50G-S033600

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
TPIC-10410-A1 AVAGO-TPIC-10410-A1 Datasheet
139Kb / 1P
   Uncooled LR4 4x10Gb/s, 1310nm CWDM TOSA
logo
Texas Instruments
TPIC0107 TI-TPIC0107 Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWP TI-TPIC0107BDWP Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

유사한 설명 - TPICM50G-S033600

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
PSLS03-16 WALL-PSLS03-16 Datasheet
743Kb / 6P
   Cooling by Free Air Convection
logo
Arch Electronics Corp.
MQF120U ARCH-MQF120U Datasheet
201Kb / 3P
   Cooling by Free Air Convection
MQF500U ARCH-MQF500U Datasheet
287Kb / 4P
   200 Watt with Free Air Convection
logo
Bel Fuse Inc.
ABC800 BEL-ABC800 Datasheet
1Mb / 13P
   Convection or Forced Air Cooling
logo
Artesyn Technologies
NFS80-7602 ARTESYN-NFS80-7602_13 Datasheet
250Kb / 4P
   80 W with free air convection, Adjustable outputs, Available RoHS compliant
logo
Advanced Thermal Soluti...
ATS-TI1OP-521-C1-R0 ATS-ATS-TI1OP-521-C1-R0 Datasheet
381Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R1 ATS-ATS-TI1OP-519-C1-R1 Datasheet
499Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R3 ATS-ATS-TI1OP-519-C1-R3 Datasheet
453Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
ATS-TI10P-521-C2-R0 ATS-ATS-TI10P-521-C2-R0 Datasheet
116Kb / 1P
   Optimized for natural convection air cooling
REV3-1117
ATS-TI1OP-563-C1-R0 ATS-ATS-TI1OP-563-C1-R0 Datasheet
955Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com