전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5321-G-BC 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SI5321-G-BC
상세설명  SONET/SDH PRECISION CLOCK MULTIPLIER IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5321-G-BC 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SI5321-G-BC Datasheet HTML 5Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 6Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 7Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 8Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 9Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 10Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 11Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 12Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Si5321
Rev. 2.5
9
Transitionless Period Required
on CLKIN for Detecting a LOS
Condition.
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
tLOS
Figure 3
24/
fo_622
16/
fo_622
12/
fo_622
10/
fo_622
9/
fo_622
8/
fo_622
32/
fo_622
32/
fo_622
32/
fo_622
32/
fo_622
32/
fo_622
32/
fo_622
s
Recovery Time for Clearing an
LOS Condition
VALTIME = 0
VALTIME = 1
tVAL
Measured from when a
valid reference clock is
applied until the LOS flag
clears
1.6
90
3.2
220
ms
Table 3. AC Characteristics (Continued)
(VDD33 =3.3 V ±5%, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note: The Si5321 provides a 1/32x, 1/16x, 1/8x, 1/4x, 1/2x, 1x, 2x, 4x, 8x, 16x, 32x, 64x, or 128x clock multiplication function
with an option for additional frequency scaling by a factor of 255/238, 238/255, 255/237, 237/255, 66/64, or 64/66 for
FEC rate conversion.


유사한 부품 번호 - SI5321-G-BC

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5321-G-BC SKYWORKS-SI5321-G-BC Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
More results

유사한 설명 - SI5321-G-BC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com