전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5356A 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI5356A
상세설명  IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5356A 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI5356A Datasheet HTML 1Page - Silicon Laboratories SI5356A Datasheet HTML 2Page - Silicon Laboratories SI5356A Datasheet HTML 3Page - Silicon Laboratories SI5356A Datasheet HTML 4Page - Silicon Laboratories SI5356A Datasheet HTML 5Page - Silicon Laboratories SI5356A Datasheet HTML 6Page - Silicon Laboratories SI5356A Datasheet HTML 7Page - Silicon Laboratories SI5356A Datasheet HTML 8Page - Silicon Laboratories SI5356A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Si5356A
Rev. 1.3
5
Table 3. AC Characteristics
(VDD = 1.8 V –5% to +10%, 2.5 or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Clock
Clock Input Frequency
FIN
5—
200
MHz
Clock Input Rise/Fall Time
TR/TF
20–80% VDD
——
2.3
ns
10–90% VDD
——
4
ns
Clock Input Duty Cycle
DC
Input tr/tf within specified
limits shown above
40
60
%
Clock Input Capacitance
CIN
—2—
pF
Output Clocks
Clock Output Frequency
FO
1—
200
MHz
Clock Output Frequency Synthesis
Resolution
FRES
See "3.4. Frequency Con-
figuration" on page 11
001ppb
Output Load Capacitance
CL
15
pF
Clock Output Rise/Fall Time
TR/TF
20 to 80% VDD,
CL = 15 pF
——
2.0
ns
Clock Output Rise/Fall Time
TR/TF
20 to 80% VDD,
CL = 2 pF
0.45
0.85
ns
Clock Output Duty Cycle
DC
Measured at VDD/2
45
50
55
%
Powerup Time
TPU
POR to output clock valid
2
ms
Output Enable Time
TOE
——
10
µs
Output-Output Skew
TSKEW
Outputs at same
frequency, fOUT > 5 MHz
–150
+150
ps
Period Jitter
JPPKPK
10000 cycles*
50
75
ps pk-pk
Cycle-Cycle Jitter
JCCPK
10000 cycles*
40
70
ps pk
Phase Jitter
JPH
12 kHz to 20 MHz
2
ps rms
PLL Loop Bandwidth
FBW
—1.6
MHz
Interrupt Status Timing
CLKIN Loss of Signal Assert Time
tLOS
—2.6
5
µs
CLKIN Loss of Signal Deassert
Time
tLOS_b
0.01
0.2
1
µs
*Note:
Measured in accordance to JEDEC Standard 65.


유사한 부품 번호 - SI5356A

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

유사한 설명 - SI5356A

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com