전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7022-A20 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI7022-A20
상세설명  HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7022-A20 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI7022-A20 Datasheet HTML 1Page - Silicon Laboratories SI7022-A20 Datasheet HTML 2Page - Silicon Laboratories SI7022-A20 Datasheet HTML 3Page - Silicon Laboratories SI7022-A20 Datasheet HTML 4Page - Silicon Laboratories SI7022-A20 Datasheet HTML 5Page - Silicon Laboratories SI7022-A20 Datasheet HTML 6Page - Silicon Laboratories SI7022-A20 Datasheet HTML 7Page - Silicon Laboratories SI7022-A20 Datasheet HTML 8Page - Silicon Laboratories SI7022-A20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Si7022-A20
4
Rev. 1.1
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
1.9
3.6
V
Operating Temperature
TA
–40
+125
°C
Table 2. General Specifications
1.9 < VDD < 3.6 V; TA = –40 to 125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
SELECT pin
0.7xVDD
——
V
Input Voltage Low
VIL
SELECT pin
0.3xVDD
V
Input Voltage Range
VIN
SELECT pin with respect to GND
0.0
VDD
V
Input Leakage
IIL
SELECT pin
1
μA
Output Voltage High
VOH
PWM1, PWM2 pins, IOH = –10 μA
VDD – 0.1
V
PWM1, PWM2 pins pin,
IOH = –0.5 mA, VDD = 2.0 V
VDD – 0.2
PWM1, PWM2 pins,
IOH = –1.7 mA, VDD = 3.0 V
VDD – 0.4
Output Voltage Low
VOL
PWM1, PWM2 pins; IOL = 2.5 mA;
VDD = 3.3 V
0.6
V
PWM1, PWM2 pins; IOL = 1.2 mA;
VDD = 1.9 V
0.4
V
Sample Rate
RH and Temperature
2
Hz
Current
Consumption
IDD
Average Current
150
300
μA
Powerup Time
tPU
From VDD ≥ 1.9 V to PWM output
enabled, 25 °C
—48
55
ms
From VDD ≥ 1.9 V to PWM output
enabled, full temperature range
——
110


유사한 부품 번호 - SI7022-A20

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si7022-A20-IM SILABS-Si7022-A20-IM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IM1 SILABS-Si7022-A20-IM1 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IM1R SILABS-Si7022-A20-IM1R Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IMR SILABS-Si7022-A20-IMR Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-YM SILABS-Si7022-A20-YM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - SI7022-A20

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
   Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
Renesas Technology Corp
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com