전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7020-A20-YM1R 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SI7020-A20-YM1R
상세설명  IC HUMIDITY AND TEMPERATURE SENSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7020-A20-YM1R 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SI7020-A20-YM1R Datasheet HTML 7Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 8Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 9Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 10Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 11Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 12Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 13Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 14Page - Silicon Laboratories SI7020-A20-YM1R Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Si7020-A20
Rev. 1.1
11
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
DFN-6
Unit
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
No Airflow
256
°C/W
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
1 m/s Airflow
224
°C/W
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
2.5 m/s Airflow
205
°C/W
Junction to Case Thermal Resistance
JC
JEDEC 2-Layer board
22
°C/W
Junction to Board Thermal Resistance
JB
JEDEC 2-Layer board
134
°C/W
Table 7. Absolute Maximum Ratings1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient temperature
under bias
–55
125
°C
Storage Temperature2
–65
150
°C
Voltage on I/O pins
–0.3
VDD+0.3 V
V
Voltage on VDD with
respect to GND
–0.3
4.2
V
ESD Tolerance
HBM
2
kV
CDM
1.25
kV
MM
250
V
Notes:
1.
Absolute maximum ratings are stress ratings only, operation at or beyond these conditions is not implied and may
shorten the life of the device or alter its performance.
2.
Special handling considerations apply; see application note, “AN607: Si70xx Humidity Sensor Designer’s Guide”.


유사한 부품 번호 - SI7020-A20-YM1R

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si7020-A20-GM SILABS-Si7020-A20-GM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-GM1 SILABS-Si7020-A20-GM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-GM1R SILABS-Si7020-A20-GM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-GMR SILABS-Si7020-A20-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-IM SILABS-Si7020-A20-IM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - SI7020-A20-YM1R

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
   Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
   Humidity and Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com