전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8641BA-C-IU 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI8641BA-C-IU
상세설명  Low-Power Quad-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8641BA-C-IU 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI8641BA-C-IU Datasheet HTML 2Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 3Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 4Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 5Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 6Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 7Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 8Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 9Page - Silicon Laboratories SI8641BA-C-IU Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
3. Device Operation
Device behavior during start-up, normal operation, and shutdown is shown in Figure 3.1 Device Behavior during Normal Operation on
page 7, where UVLO+ and UVLO– are the respective positive-going and negative-going thresholds. Refer to the following tables to
determine outputs when power supply (VDD) is not present and for logic conditions when enable pins are used.
Table 3.1. Si86xx Logic Operation
VI Input1, 2 EN Input1, 2, 3, 4 VDDI State1, 5, 6
VDDO State1, 5, 6
VO Output1, 2
Comments
H
H or NC
P
P
H
Enabled, normal operation.
L
H or NC
P
P
L
X7
L
P
P
Hi-Z8
Disabled.
X7
H or NC
UP
P
L9
H9
Upon transition of VDDI from unpowered to
powered, VO returns to the same state as VI
in less than 1 µs.
X7
L
UP
P
Hi-Z8
Disabled.
X7
X7
P
UP
Undetermined Upon transition of VDDO from unpowered to
powered, VO returns to the same state as VI
within 1 µs, if EN is in either the H or NC
state. Upon transition of VDDO from unpow-
ered to powered, VO returns to Hi-Z within 1
µs if EN is L.
Note:
1. VDDI and VDDO are the input and output power supplies. VI and VO are the respective input and output terminals. EN is the
enable control input located on the same output side.
2. X = not applicable; H = Logic High; L = Logic Low; Hi-Z = High Impedance.
3. It is recommended that the enable inputs be connected to an external logic high or low level when the Si86xx is operating in noisy
environments.
4. No Connect (NC) replaces EN1 on Si8640/45. No Connect replaces EN2 on the Si8645. No Connects are not internally connec-
ted and can be left floating, tied to VDD, or tied to GND.
5. “Powered” state (P) is defined as 2.5 V < VDD < 5.5 V.
6. “Unpowered” state (UP) is defined as VDD = 0 V.
7. Note that an I/O can power the die for a given side through an internal diode if its source has adequate current.
8. When using the enable pin (EN) function, the output pin state is driven into a high-impedance state when the EN pin is disabled
(EN = 0).
9. See 1. Ordering Guide for details. This is the selectable fail-safe operating mode (ordering option). Some devices have default
output state = H, and some have default output state = L, depending on the ordering part number (OPN). For default high devi-
ces, the data channels have pull-ups on inputs/outputs. For default low devices, the data channels have pull-downs on inputs/
outputs.
Si864x Data Sheet
Device Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.9 | 5


유사한 부품 번호 - SI8641BA-C-IU

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
Si8641BA-C-IU STMICROELECTRONICS-Si8641BA-C-IU Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
Si8641BA-C-IU SILABS-Si8641BA-C-IU Datasheet
840Kb / 42P
   High-speed operation
logo
Skyworks Solutions Inc.
SI8641BA-C-IU SKYWORKS-SI8641BA-C-IU Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

유사한 설명 - SI8641BA-C-IU

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI864X SKYWORKS-SI864X Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com