전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8652EC-B-IS1 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 SI8652EC-B-IS1
상세설명  LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8652EC-B-IS1 데이터시트(HTML) 1 Page - Silicon Laboratories

  SI8652EC-B-IS1 Datasheet HTML 1Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 2Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 3Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 4Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 5Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 6Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Rev. 1.8 6/15
Copyright © 2015 by Silicon Laboratories
Si8650/51/52/55
Si8650/51/52/55
L OW P OWER F IVE-C HANNEL D IGITAL I SOLATOR
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of ultra-low-power digital isolators are CMOS devices
offering substantial data rate, propagation delay, power, size, reliability, and
external BOM advantages over legacy isolation technologies. The operating
parameters of these products remain stable across wide temperature ranges
and throughout device service life for ease of design and highly uniform
performance. All device versions have Schmitt trigger inputs for high noise
immunity and only require VDD bypass capacitors.
Data rates up to 150 Mbps are supported, and all devices achieve propagation
delays of less than 10 ns. Enable inputs provide a single point control for
enabling and disabling output drive. Ordering options include a choice of
isolation ratings (2.5, 3.75 and 5 kV) and a selectable fail-safe operating mode
to control the default output state during power loss. All products >1 kVRMS are
safety certified by UL, CSA, VDE, and CQC, and products in wide-body
packages support reinforced insulation withstanding up to 5 kVRMS.
High-speed operation

DC to 150 Mbps
No start-up initialization required
Wide Operating Supply Voltage

2.5–5.5 V
Up to 5000 VRMS isolation
60-year life at rated working voltage
High electromagnetic immunity
Ultra low power (typical)
5 V Operation

1.6 mA per channel at 1 Mbps

5.5 mA per channel at 100 Mbps
2.5 V Operation

1.5 mA per channel at 1 Mbps

3.5 mA per channel at 100 Mbps
Tri-state outputs with ENABLE
Schmitt trigger inputs
Selectable fail-safe mode

Default high or low output
(ordering option)
Precise timing (typical)

10 ns propagation delay

1.5 ns pulse width distortion

0.5 ns channel-channel skew

2 ns propagation delay skew

5 ns minimum pulse width
Transient Immunity 50 kV/µs
AEC-Q100 qualification
Wide temperature range

–40 to 125 °C
RoHS-compliant packages

SOIC-16 wide body

SOIC-16 narrow body

QSOP-16
Industrial automation systems
Medical electronics
Hybrid electric vehicles
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power inverters
Communication systems
UL 1577 recognized

Up to 5000 VRMS for 1 minute
CSA component notice 5A approval

IEC 60950-1, 61010-1, 60601-1
(reinforced
insulation)
VDE certification conformity

IEC 60747-5-2
(VDE0884 Part 2)

EN60950-1
(reinforced insulation)
CQC certification approval

GB4943.1
Ordering Information:
See page 30.


유사한 부품 번호 - SI8652EC-B-IS1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si8652EC-B-IS1 SILABS-Si8652EC-B-IS1 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI8652EC-B-IS1 SKYWORKS-SI8652EC-B-IS1 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
More results

유사한 설명 - SI8652EC-B-IS1

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
SI845X SILABS-SI845X Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com