전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5672R 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD5672R
상세설명  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5672R 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD5672R Datasheet HTML 3Page - Analog Devices AD5672R Datasheet HTML 4Page - Analog Devices AD5672R Datasheet HTML 5Page - Analog Devices AD5672R Datasheet HTML 6Page - Analog Devices AD5672R Datasheet HTML 7Page - Analog Devices AD5672R Datasheet HTML 8Page - Analog Devices AD5672R Datasheet HTML 9Page - Analog Devices AD5672R Datasheet HTML 10Page - Analog Devices AD5672R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 7 of 34
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, all specifications TMIN to TMAX unless otherwise
noted. The operating temperature range is −40°C to +125°C; TA = 25°C. Guaranteed by design and characterization, not production tested.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE SETTLING TIME1
AD5672R
5
8
µs
¼ to ¾ scale settling to ±2 LSB
AD5676R
5
8
µs
¼ to ¾ scale settling to ±2 LSB
SLEW RATE
0.8
V/µs
DIGITAL-TO-ANALOG GLITCH IMPULSE1
1.4
nV-sec
1 LSB change around major carry (internal reference, gain = 1)
DIGITAL FEEDTHROUGH1
0.13
nV-sec
CROSSTALK1
Digital
0.1
nV-sec
Analog
−0.25
nV-sec
−1.3
nV-sec
Internal reference, gain = 2
DAC-to-DAC
−2.0
nV-sec
Internal reference, gain = 2
TOTAL HARMONIC DISTORTION2
−80
dB
At TA, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
OUTPUT NOISE SPECTRAL DENSITY1
300
nV/√Hz
DAC code = midscale, 10 kHz, gain = 2
OUTPUT NOISE1
6
µV p-p
0.1 Hz to 10 Hz, gain = 1
SIGNAL-TO-NOISE RATIO (SNR)
90
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
83
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
SIGNAL-TO-NOISE-AND-DISTORTION
RATIO (SINAD)
80
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
1
See the Terminology section. Measured using internal reference and gain = 1, unless otherwise noted.
2
Digitally generated sine wave at 1 kHz.


유사한 부품 번호 - AD5672R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
1Mb / 28P
   Easy implementation
More results

유사한 설명 - AD5672R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com