전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5672RBRUZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5672RBRUZ
상세설명  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5672RBRUZ 데이터시트(HTML) 3 Page - Analog Devices

  AD5672RBRUZ Datasheet HTML 1Page - Analog Devices AD5672RBRUZ Datasheet HTML 2Page - Analog Devices AD5672RBRUZ Datasheet HTML 3Page - Analog Devices AD5672RBRUZ Datasheet HTML 4Page - Analog Devices AD5672RBRUZ Datasheet HTML 5Page - Analog Devices AD5672RBRUZ Datasheet HTML 6Page - Analog Devices AD5672RBRUZ Datasheet HTML 7Page - Analog Devices AD5672RBRUZ Datasheet HTML 8Page - Analog Devices AD5672RBRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 3 of 34
SPECIFICATIONS
AD5672R SPECIFICATIONS
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, RL = 2 kΩ, CL = 200 pF, all specifications TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution
12
Bits
Relative Accuracy (INL)
±0.12
±1
LSB
Gain = 1
±0.12
±1
LSB
Gain = 2
Differential Nonlinearity (DNL)
±0.01
±0.1
LSB
Gain = 1
±0.01
±0.1
LSB
Gain = 2
Zero Code Error
0.8
1.6
mV
Gain = 1 or gain = 2
Offset Error
−0.75
±2
mV
Gain = 1
−0.1
±1.5
mV
Gain = 2
Full-Scale Error
−0.018
±0.14
% of FSR
Gain = 1
−0.013
±0.07
% of FSR
Gain = 2
Gain Error
+0.04
±0.12
% of FSR
Gain = 1
−0.02
±0.06
% of FSR
Gain = 2
TUE
±0.03
±0.18
% of FSR
Gain = 1
±0.006
±0.14
% of FSR
Gain = 2
Offset Error Drift2
±1
µV/°C
DC Power Supply Rejection Ratio (PSRR)2
0.25
mV/V
DAC code = midscale, VDD = 5 V ± 10%
DC Crosstalk2
±2
µV
Due to single channel, full-scale output change
±3
µV/mA
Due to load current change
±2
µV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
2.5
V
Gain = 1
0
5
V
Gain = 2
Output Current Drive
15
mA
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 1 kΩ
Resistive Load3
1
kΩ
Load Regulation
183
µV/mA
VDD = 5 V ± 10%, DAC code = midscale,
−30 mA ≤ IOUT ≤ +30 mA
177
µV/mA
VDD = 3 V ± 10%, DAC code = midscale,
−20 mA ≤ IOUT ≤ +20 mA
Short-Circuit Current4
40
mA
Load Impedance at Rails5
25
Power-Up Time
2.5
µs
Exiting power-down mode, VDD = 5 V
REFERENCE OUTPUT
Output Voltage6
2.4975
2.5025
V
Reference Temperature Coefficient7, 8
2
5
ppm/°C
See the Terminology section
Output Impedance2
0.04
Output Voltage Noise2
13
µV p-p
0.1 Hz to 10 Hz
Output Voltage Noise Density2
240
nV/√Hz
At ambient temperature, f = 10 kHz, CL = 10 nF,
gain = 1 or 2
Load Regulation Sourcing2
29
µV/mA
At ambient temperature
Load Regulation Sinking2
74
µV/mA
At ambient temperature
Output Current Load Capability2
±20
mA
VDD ≥ 3 V
Line Regulation2
43
µV/V
At ambient temperature
Long-Term Stability/Drift2
12
ppm
After 1000 hours at 125°C
Thermal Hysteresis2
125
ppm
First cycle
25
ppm
Additional cycles


유사한 부품 번호 - AD5672RBRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
1Mb / 28P
   Easy implementation
More results

유사한 설명 - AD5672RBRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com