전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5761R 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5761R
상세설명  Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5761R 데이터시트(HTML) 5 Page - Analog Devices

  AD5761R Datasheet HTML 1Page - Analog Devices AD5761R Datasheet HTML 2Page - Analog Devices AD5761R Datasheet HTML 3Page - Analog Devices AD5761R Datasheet HTML 4Page - Analog Devices AD5761R Datasheet HTML 5Page - Analog Devices AD5761R Datasheet HTML 6Page - Analog Devices AD5761R Datasheet HTML 7Page - Analog Devices AD5761R Datasheet HTML 8Page - Analog Devices AD5761R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Data Sheet
AD5761R/AD5721R
Parameter2
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (SDO, ALERT)5
Output Voltage
Low, VOL
0.4
V
DVCC = 1.7 V to 5.5 V, sinking 200 µA
High, VOH
DVCC − 0.5
V
DVCC = 1.7 V to 5.5 V, sourcing 200 µA
High Impedance, SDO Pin
Leakage Current
−1
+1
µA
Pin Capacitance
5
pF
POWER REQUIREMENTS
VDD
4.75
30
V
VSS
−16.5
0
V
DVCC
1.7
5.5
V
IDD
5.1
6.5
mA
Outputs unloaded, external reference
ISS
1
3
mA
Outputs unloaded
DICC
0.005
1
µA
VIH = DVCC, VIL = DGND
Power Dissipation
67.1
mW
±11 V operation, outputs unloaded, TSSOP package
DC Power Supply Rejection
Ratio (PSRR)5
0.1
mV/V
VDD ± 10%, VSS = −15 V
0.1
mV/V
VSS ±10%, VDD = +15 V
AC PSRR5
65
dB
VDD ±200 mV, 50 Hz/60 Hz, VSS = −15 V, internal
reference, CLOAD = 100 nF
65
dB
VSS ±200 mV, 50 Hz/60 Hz, VDD = +15 V, internal
reference, CLOAD = 100 nF
80
dB
VDD ±200 mV, 50 Hz/60 Hz, VSS = −15 V, external
reference, CLOAD = unloaded
80
dB
VSS ±200 mV, 50 Hz/60 Hz, VDD = +15 V, external
reference, CLOAD = unloaded
1
For specified performance, headroom requirement is 1 V.
2
Temperature range: −40°C to +125°C, typical at +25°C.
3
External reference means 2 V to 2.85 V with overrange and 2 V to 3 V without overrange.
4
Integral nonlinearity error is specified at ±4 LSB (min/max) for 16 V and 20 V ranges with VREFIN/VREFOUT = 2.5 V external and internal, and for all ranges with VREFIN/VREFOUT =
2 V to 2.85 V with overrange and 2 V to 3 V without overrange.
5
Guaranteed by design and characterization, not production tested.
Rev. A | Page 5 of 35


유사한 부품 번호 - AD5761R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5761R AD-AD5761R Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5761R-EP AD-AD5761R-EP Datasheet
296Kb / 11P
   Multiple Range, 16-Bit, Bipolar/Unipolar Voltage Output DAC with 7 ppm/째C Reference
Rev. 0
AD5761RACPZ-RL7 AD-AD5761RACPZ-RL7 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5761RARUZ AD-AD5761RARUZ Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5761RARUZ-RL7 AD-AD5761RARUZ-RL7 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
More results

유사한 설명 - AD5761R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5761R-EP AD-AD5761R-EP Datasheet
296Kb / 11P
   Multiple Range, 16-Bit, Bipolar/Unipolar Voltage Output DAC with 7 ppm/째C Reference
Rev. 0
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5761R AD-AD5761R_18 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com