전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF5904WCCPZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADF5904WCCPZ
상세설명  4-Channel, 24 GHz,Receiver Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ 데이터시트(HTML) 4 Page - Analog Devices

  ADF5904WCCPZ Datasheet HTML 1Page - Analog Devices ADF5904WCCPZ Datasheet HTML 2Page - Analog Devices ADF5904WCCPZ Datasheet HTML 3Page - Analog Devices ADF5904WCCPZ Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADF5904
Data Sheet
TIMING CHARACTERISTICS
AVDD = 3.3 V ± 5%, GND = 0 V, dBm referred to 50 Ω, TA = TMAX to TMIN, unless otherwise noted. Operating temperature range is −40°C
to +105°C.
Table 2.
Parameter
Limit at TMIN to TMAX
Unit
Description
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
t8
10
ns max
LE setup time to DOUT
t9
15
ns max
CLK setup time to DOUT
Timing Diagrams
CLK
DATA
LE
DB30
DB1
(CONTROL BIT C2)
DB2
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
t1
t8
t9
t2
t3
t4
t5
t6
t7
DB31 (MSB)
DB0
DB1
DB31
(MSB)
DB30
DOUT
Figure 2. Timing Diagram
TO DOUT PIN
CL
10pF
500µA
IOL
500µA
IOH
VDD/2
Figure 3. Load Circuit for DOUT Timing, CL = 10 pF
Rev. 0 | Page 4 of 15


유사한 부품 번호 - ADF5904WCCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF5904WCCPZ AD-ADF5904WCCPZ Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
ADF5904WCCPZ-RL7 AD-ADF5904WCCPZ-RL7 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
More results

유사한 설명 - ADF5904WCCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
UG-791 AD-UG-791 Datasheet
714Kb / 14P
   Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
logo
Analog Devices
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
   17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com