전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW60 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BCW60
상세설명  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW60 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BCW60 Datasheet HTML 1Page - Infineon Technologies AG BCW60 Datasheet HTML 2Page - Infineon Technologies AG BCW60 Datasheet HTML 3Page - Infineon Technologies AG BCW60 Datasheet HTML 4Page - Infineon Technologies AG BCW60 Datasheet HTML 5Page - Infineon Technologies AG BCW60 Datasheet HTML 6Page - Infineon Technologies AG BCW60 Datasheet HTML 7Page - Infineon Technologies AG BCW60 Datasheet HTML 8Page - Infineon Technologies AG BCW60 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BCW60, BCX70
4
Jan-29-2002
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
max.
typ.
min.
DC Characteristics
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
0.12
0.2
V
0.25
0.55
-
-
VCEsat
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
VBEsat
0.7
0.83
0.85
1.05
-
-
-
0.75
-
VBE(ON)
-
0.55
-
0.52
0.65
0.78
Base-emitter voltage 1)
IC = 10 µA, VCE = 5 V
IC = 2 mA, VCE = 5 V
IC = 50 mA, VCE = 1 V
AC Characteristics
-
250
-
fT
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
MHz
-
3
Ccb
Collector-base capacitance
VCB = 10 V, f = 1 MHz
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
-
Ceb
-
8
hFE-grp.
A / G
B / H
C / J / FF
D / K / FN
h11e
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
-
-
-
-
2.7
3.6
4.5
7.5
-
-
-
-
k

Open-circuit reverse voltage transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
| hFE-grp.
A / G
B / H
C / J/FF
D / K / FN
h12e
-
-
-
-
1.5
2
2
3
-
-
-
-
10-4
1) Pulse test: t
≤=300µs, D = 2%


유사한 부품 번호 - BCW60

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCW60 PHILIPS-BCW60 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diotec Semiconductor
BCW60 DIOTEC-BCW60 Datasheet
197Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BCW60 ZETEX-BCW60 Datasheet
68Kb / 2P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Galaxy Semi-Conductor H...
BCW60 BILIN-BCW60 Datasheet
216Kb / 4P
   NPN General Purpose Amplifier
More results

유사한 설명 - BCW60

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com