전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMBU60-102 데이터시트(PDF) 2 Page - Total Power International

부품명 TPMBU60-102
상세설명  63W Open Frame Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMBU60-102 데이터시트(HTML) 2 Page - Total Power International

  TPMBU60-102 Datasheet HTML 1Page - Total Power International TPMBU60-102 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
3~5VDC
5~6VDC
6~8VDC
8~11VDC
11~13VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
16.66~10.0 A
11.00~9.16 A
10.00~7.50 A
7.87~5.72 A
5.72~4.84 A
4.09~3.46 A
4.84~3.93 A
3.93~3.00 A
3.00~2.33 A
2.33~1.90 A
1.90~1.57 A
5%
5%
5%
3%
3%
3%
3%
3%
2%
2%
2%
50W
55W
60W
63W
63W
45W
63W
63W
63W
63W
63W
3W
3W
3W
3W
4W
4W
4W
4W
5W
5W
6W
TPMBU60-101
TPMBU60-102
TPMBU60-103
TPMBU60-104
TPMBU60-105
TPMBU60-105-1
TPMBU60-106
TPMBU60-107
TPMBU60-108
TPMBU60-109
TPMBU60-110
Pno
max.
(
)
Model
Number
Output#1
Vonom Iomin Iomax
Output#2
Output#3
Output#4
Max.Output
Powe
r
TPMBU60-200
TPMBU60-201
TPMBU60-202
+3.3V
+5V
+5V
1.4A
0.7A
0.7A
7A
7A
7A
59.1W
63W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
3W
3W
4W
4W
5W
5W
4W
4W
4W
4W
4W
4W
4W
4W
4W
3W
4W
4W
4W
63W
TPMBU60-203
+5V
0.7A
7A
63W
TPMBU60-204
+3.3V
1.4A
7A
48.1W
TPMBU60-215
+5V
0.7A
7A
63W
TPMBU60-300
+3.3V
1.2A
6A
63W
TPMBU60-300-1 +3.3V 1.2A
6A
63W
TPMBU60-301
+5V
+5V
+5V
+5V
+5V
+5V
0.6A
6A
63W
TPMBU60-301-1
0.6A
6A
63W
TPMBU60-302
0.6A
6A
63W
TPMBU60-302-1
0.6A
6A
63W
TPMBU60-303
0.6A
6A
63W
TPMBU60-303-1
0.6A
6A
63W
+5V
TPMBU60-305
1.2A
6A
63W
+5V
TPMBU60-305-1
1.2A
6A
63W
+3.3V
+3.3V
TPMBU60-306
1.2A
6A
59.8W
59.8W
TPMBU60-306-1
1.2A
6A
+3.3V
+3.3V
+3.3V
TPMBU60-308
0.5A
5A
53.5W
53.5W
TPMBU60-308-1
0.5A
5A
TPMBU60-400
1.2A
6A
63W
+3.3V
TPMBU60-400-1
1.2A
6A
63W
+3.3V
TPMBU60-400-2
1.2A
6A
63W
+3.3V
TPMBU60-400-3
1.2A
6A
63W
+5V
TPMBU60-401
0.6A
6A
63W
+5V
TPMBU60-401-1
0.6A
6A
63W
+5V
TPMBU60-401-2
0.6A
6A
63W
+5V
TPMBU60-401-3
0.6A
6A
63W
+5V
TPMBU60-402
1.2A
6A
63W
+5V
TPMBU60-402-1
1.2A
6A
63W
+5V
TPMBU60-402-2
1.2A
6A
63W
+5V
TPMBU60-402-3
1.2A
6A
63W
+5V
TPMBU60-403
1.2A
6A
63W
+5V
TPMBU60-403-1
1.2A
6A
63W
+5V
TPMBU60-403-2
1.2A
6A
63W
+5V
TPMBU60-403-3
1.2A
6A
63W
+5V
TPMBU60-404
0.6A
6A
63W
+5V
TPMBU60-404-1
0.6A
6A
63W
+5V
TPMBU60-404-2
0.6A
6A
63W
+5V
Vonom Iomin Iomax Regmax
-24V
0.2A
2A
5%
-12V
0A
0.8A
0.8A
5%
+12V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-15V
0A
5%
0.8A
+15V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
1A
-12V
0A
5%
1A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-15V
0A
5%
0.8A
-15V
0A
5%
0.8A
+15V
0A
5%
0.8A
+15V
0A
5%
Vonom Iomin Iomax Regmax
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-24V
0A
5%
0.8A
+24V
0A
5%
0.8A
-24V
0A
5%
0.8A
+24V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
TPMBU60-404-3
0.6A
6A
63W
Regmax
6%
5%
5%
5%
6%
5%
6%
6%
5%
5%
5%
5%
5%
5%
5%
5%
6%
6%
6%
6%
6%
6%
6%
6%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
Regmax
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
Vonom Iomin Iomax
+12V
+12V
+15V
0.6A
0.3A
0.3A
3A
3A
3A
+24V
0.4A
2A
+5V
0.5A
5A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+15V
0.3A
3A
+15V
0.3A
3A
+24V
0.4A
2A
+24V
0.4A
2A
+12V
0.6A
3A
+12V
0.6A
3A
+5V
0.5A
5A
+5V
0.5A
5A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+15V
0.3A
3A
+15V
0.3A
3A
+15V
0.3A
3A
+15V
0.3A
3A
5%
MechanicalSpecifications:
TPMBU60-4XX
TPMBU60-3XX
TPMBU60-2XX
TPMBU60-1XX
PIN
MODEL
OUT
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo3
Vo3
Vo3
Vo4
OUT
OUT
RTN
COM
COM
COM
COM
COM
COM
COM
COM
N/C
N/C
N/C
N/C
N/C
RTN
RTN
RTN
PFD
(
)
Optional
PFD
PFD
PFD
PFD
TPMBU60-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
Vo4:Output#4
PINCHART
1
2
3
4
5
6
7
8
Note:
1.Dimensionsareshownin
mm.
2.Weight:300gsapprox.
inchesor
3.InputconnectormateswithMolexhousing
09-50-3051andMolex2478seriescrimp
terminal.
4.OutputconnectormateswithMolex housing
09-50-3081andMolex2478seriescrimp
terminal.
DeratingCrve:
u
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
1.OperatingTemperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
63WOpenFrameType
TPMBU60 SERIES
MedicalPowerSupplies
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


유사한 부품 번호 - TPMBU60-102

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-101 TOTAL-POWER-TPMBU61-101 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-102 TOTAL-POWER-TPMBU61-102 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-103 TOTAL-POWER-TPMBU61-103 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61-104 TOTAL-POWER-TPMBU61-104 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
More results

유사한 설명 - TPMBU60-102

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPIBU-60 TOTAL-POWER-TPIBU-60 Datasheet
344Kb / 2P
   63W Open Frame Type Industrial Power Supplies
logo
Volgen Kaga Electronics...
MBU61 VOLGEN-MBU61 Datasheet
365Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
MBU60 VOLGEN-MBU60 Datasheet
503Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
   30W Open Frame Type Medical Power Supplies
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com