전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX70J 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 BCX70J
상세설명  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX70J 데이터시트(HTML) 8 Page - Infineon Technologies AG

  BCX70J Datasheet HTML 1Page - Infineon Technologies AG BCX70J Datasheet HTML 2Page - Infineon Technologies AG BCX70J Datasheet HTML 3Page - Infineon Technologies AG BCX70J Datasheet HTML 4Page - Infineon Technologies AG BCX70J Datasheet HTML 5Page - Infineon Technologies AG BCX70J Datasheet HTML 6Page - Infineon Technologies AG BCX70J Datasheet HTML 7Page - Infineon Technologies AG BCX70J Datasheet HTML 8Page - Infineon Technologies AG BCX70J Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BCW60, BCX70
8
Jan-29-2002
Collector cutoff current ICBO = f (TA)
VCB = VCEmax
0
10
EHP00335
BCW 60/BCX 70
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
˚C
typ
max
102
h parameter he = f (IC) normalized
VCE = 5V
10
EHP00336
BCW 60/BCX 70
-1
1
10
mA
-1
10
2
10
5
5
10
0
10
0
C
e
h
Ι
1
10
5
CE
V
= 5 V
11e
h
h
12e
h
21e
h
22e
5
h parameter he = f (VCE) normalized
IC = 2mA
0
0
EHP00337
BCW 60/BCX 70
CE
V
30
10
20
0.5
1.0
1.5
2.0
h
e
V
Ι
C = 2 mA
h
11e
21e
h
12e
h
22e
h
Noise figure F
= f (VCE)
IC = 0.2mA, RS = 2k, f = 1kHz
10
EHP00338
BCW 60/BCX 70
-1
2
10
V
5
10
0
10
1
F
10
15
20
dB
0
CE
V


유사한 부품 번호 - BCX70J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX70J PHILIPS-BCX70J Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Shenzhen Jin Yu Semicon...
BCX70J HTSEMI-BCX70J Datasheet
1Mb / 3P
   TRANSISTOR (NPN)
logo
SHIKUES Electronics
BCX70J SKTECHNOLGY-BCX70J Datasheet
541Kb / 2P
   NPN medium power transistor
logo
Samsung semiconductor
BCX70J SAMSUNG-BCX70J Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Rohm
BCX70J ROHM-BCX70J Datasheet
992Kb / 3P
   NPN small signal transistor
More results

유사한 설명 - BCX70J

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com