전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53019-A02A 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI53019-A02A
상세설명  19-OUTPUT PCIE GEN3 AND QPI BUFFER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53019-A02A 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI53019-A02A Datasheet HTML 2Page - Silicon Laboratories SI53019-A02A Datasheet HTML 3Page - Silicon Laboratories SI53019-A02A Datasheet HTML 4Page - Silicon Laboratories SI53019-A02A Datasheet HTML 5Page - Silicon Laboratories SI53019-A02A Datasheet HTML 6Page - Silicon Laboratories SI53019-A02A Datasheet HTML 7Page - Silicon Laboratories SI53019-A02A Datasheet HTML 8Page - Silicon Laboratories SI53019-A02A Datasheet HTML 9Page - Silicon Laboratories SI53019-A02A Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Si53019-A02A
6
Rev. 1.1
Absolute Crossing Point Voltages3,8,14,15, 16
VoxABS
250
450
550
mV
Total Variation of Vcross Over All Edges3,8,18
Total ∆
Vox
14
140
mV
Vswing4
Vswing
300
mV
Duty Cycle3,4
DC
45
55
%
Maximum Voltage (Overshoot)3,8,19
Vovs
—VHigh + 0.3
V
Maximum Voltage (Undershoot)3,8,20
Vuds
—VLow – 0.3
V
Ringback Voltage3,8
Vrb
0.2
N/A
V
Table 2. DIF 0.7 V AC Timing Characteristics (Non-Spread Spectrum Mode)1 (Continued)
Parameter
Symbol
CLK 100 MHz, 133 MHz
Unit
Min
Typ
Max
Notes:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
This is the time from the valid CLK_IN input clocks and the assertion of the PWRGD signal level at 1.8–2.0 V to the
time that stable clocks are output from the buffer chip (PLL locked).
3.
Test configuration is Rs = 33.2
, Rp = 49.9, 2 pF for 100  transmission line; Rs = 27 , Rp = 42.2, 2 pF for 85 
transmission line.
4.
Measurement taken from differential waveform.
5.
Using frequency counter with the measurement interval equal or greater than 0.15 s, target frequencies are
99,750,00 Hz, 133,000,000 Hz.
6.
The average period over any 1 µs period of time must be greater than the minimum and less than the maximum
specified period.
7.
Measure taken from differential waveform on a component test board. The edge (slew) rate is measured from
–150 mV to +150 mV on the differential waveform. Scope is set to average because the scope sample clock is making
most of the dynamic wiggles along the clock edge. Only valid for Rising clock and Falling CLOCK. Signal must be
monotonic through the Vol to Voh region for Trise and Tfall.
8.
Measurement taken from single-ended waveform.
9.
Measured with oscilloscope, averaging off, using min max statistics. Variation is the delta between min and max.
10.
Measured with oscilloscope, averaging on. The difference between the rising edge rate (average) of clock verses the
falling edge rate (average) of CLOCK.
11.
Rise/Fall matching is derived using the following: 2*(Trise – Tfall) / (Trise + Tfall).
12.
VHigh is defined as the statistical average High value as obtained by using the Oscilloscope VHigh Math function.
13.
VLow is defined as the statistical average Low value as obtained by using the Oscilloscope VLow Math function.
14.
Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of
CLK.
15.
This measurement refers to the total variation from the lowest crossing point to the highest, regardless of which edge
is crossing.
16.
The crossing point must meet the absolute and relative crossing point specifications simultaneously.
17.
Vcross(rel) Min and Max are derived using the following, Vcross(rel) Min = 0.250 + 0.5 (Vhavg – 0.700), Vcross(rel)
Max = 0.550 – 0.5 (0.700 – Vhavg), (see Figures 3-4 for further clarification).
18.
Vcross is defined as the total variation of all crossing voltages of Rising CLOCK and Falling CLOCK. This is the
maximum allowed variance in Vcross for any particular system.
19.
Overshoot is defined as the absolute value of the maximum voltage.
20.
Undershoot is defined as the absolute value of the minimum voltage.


유사한 부품 번호 - SI53019-A02A

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
SI53019-A02AGM SKYWORKS-SI53019-A02AGM Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
SI53019-A02AGMR SKYWORKS-SI53019-A02AGMR Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
More results

유사한 설명 - SI53019-A02A

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
logo
Renesas Technology Corp
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
   12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
logo
Integrated Device Techn...
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830_17 Datasheet
202Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG430 RENESAS-9FG430 Datasheet
333Kb / 19P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
04/04/17
logo
Integrated Device Techn...
9FG430 IDT-9FG430_17 Datasheet
195Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com