전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMI40-T033EI 데이터시트(PDF) 2 Page - Total Power International

부품명 TPMI40-T033EI
상세설명  ACCOMMODATE UNIVERSAL AC SOURCES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMI40-T033EI 데이터시트(HTML) 2 Page - Total Power International

  TPMI40-T033EI Datasheet HTML 1Page - Total Power International TPMI40-T033EI Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Total Power International, Inc. Toll Free: 877-646-0900(US)
PH#978-453-7272
www.total-power.com
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 145g (5.12 Oz.)
TRIPLE OUTPUT
MAIN +VO1 ★
AUX. +VO2
AUX. VO3 ◇
MODEL NO.
Min.
Typ.
Volt.
Max.
Min.
Typ.
Volt.
Max.
Min.
Typ.
Volt.
Max.
TPMI40-T033EI
0A
6.0A
+3.3V
6.9A
0A
1.5A
+ 5V
1.7A
0A
1.0A
12V
1.1A
TPMI40-T050II
0A
4.0A
+5.0V
6.0A
0A
1.5A
+12V
2.0A
0A
0.5A
12V
0.5A
TPMI40-T050KK
0A
4.0A
+5.0V
6.0A
0A
1.0A
+15V
1.5A
0A
0.5A
15V
0.5A
TPMI40-T050MI
0A
4.0A
+5.0V
6.0A
0A
0.7A
+24V
1.0A
0A
0.5A
12V
0.5A
Symbol: "★" OVP built-in “◇”floating.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
VO2
+VO3
-VO3
DC COM
CNTR/PIN#
P1-L
P1-N
G
P2-2,3
P2-1
P2-7
P2-8
P2-4,5
Mating connector: P1,2 Molex # 5195 or 5239 series.
Total Power International, Inc.


유사한 부품 번호 - TPMI40-T033EI

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S120350 TOTAL-POWER-TPMI43-S120350 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S150270 TOTAL-POWER-TPMI43-S150270 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S240170 TOTAL-POWER-TPMI43-S240170 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S480085 TOTAL-POWER-TPMI43-S480085 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results

유사한 설명 - TPMI40-T033EI

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPIMP151 TOTAL-POWER-TPIMP151 Datasheet
303Kb / 3P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com