전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF543 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BF543
상세설명  Silicon N-Channel MOSFET Triode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF543 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BF543 Datasheet HTML 1Page - Infineon Technologies AG BF543 Datasheet HTML 2Page - Infineon Technologies AG BF543 Datasheet HTML 3Page - Infineon Technologies AG BF543 Datasheet HTML 4Page - Infineon Technologies AG BF543 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BF543
Jun-28-2001
4
Gate input capacitance Cgss = f (VGS)
VDS = 10, IDSS = 4mA, f = 1MHz
-0.1
0
EHT07029
BF 543
C
gss
GS
V
0
V
0.1
1
4
5
2
3
pF
Output capacitance Cdss = f (VDS)
VGS = 0, IDSS = 4mA, f = 1MHz
0
0
EHT07030
BF 543
C
dss
DS
V
2
4
5
1
3
pF
510
15
V
Reverse transfer capacitance
Cdg = f (VDS)
VGS = 0, IDSS = 4mA, f = 1MHz
0
0
EHT07031
BF 543
C
dg
DS
V
20
40
50
10
30
fF
510
15
V
Gate input admittance y11s
VDS = 10, IDSS = 4mA, VGS = 0
(source circuit)
0
0
EHT07032
BF 543
b
11s
g
0.1
0.2
0.3
0.4 mS 0.5
11s
50
100
200
300
400
500
600
700
= 800
f
5
10
mS
15
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz


유사한 부품 번호 - BF543

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BF543 SIEMENS-BF543 Datasheet
97Kb / 5P
   Silicon N Channel MOS FET Triode (For RF stages up to 300 MHz preferably in FM applications)
logo
Vishay Siliconix
BF543 VISHAY-BF543 Datasheet
157Kb / 3P
   N-Channel MOS-Fieldeffect Triode, Depletion Mode
Rev. 1.5, 05-Jul-05
More results

유사한 설명 - BF543

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF999 INFINEON-BF999_07 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
BF999 INFINEON-BF999 Datasheet
133Kb / 5P
   Silicon N-Channel MOSFET Triode
Nov-08-2002
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com