전자부품 데이터시트 검색엔진 |
|
TPMI100-D050K 데이터시트(PDF) 1 Page - Total Power International |
|
TPMI100-D050K 데이터시트(HTML) 1 Page - Total Power International |
1 / 2 page UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPMI100 SERIES FEATURES: ACCOMMODATE UNIVERSAL AC SOURCES COMPACT 4.5”x 2.5”x1.2” PCB FORMAT MEET MEDICAL STANDARD EN 60601-1/ UL 60601-1 EMI MEET EN 55011 & FCC CLASS B CE MARKING COMPLIANCE SPECIFICATION INPUT SPECIFICATION Input Voltage: 90-264Vac. Input Connector: V-M connector. Input Frequency: 47-63Hz. Inrush Current: Typ. 9.68Arms @230Vac. Input Current: Typ. 1.8A@115Vac, 0.9A @230Vac. Dielectric Withstand: Meet IEC 60601-1. EMI: Meet EN55011 & CISPR Class B. Hold-up Time: Typ. 12.8mS @115Vac, 76mS @ 230Vac. Earth Leakage: Less than 0.189mA @230Vac. GENERAL SPECIFICATION Efficiency: Typ. 74-80%(Various with output voltage). Switching Frequency: 68 KHz. Circuit Topology: Single-Forward circuit. Multiple-Fixed freq. flyback circuit. Transient Response: Output voltage returns in less than 14-44mS following a 25% load change. Safety Standard: Meet Medical standards UL 60601-1/ EN 60601-1 Class I. Operating Temperature: 0 to +50 °C under forced air flow for full load.(Various with output voltage). Storage Temperature: -20 to +85°C. Temperature Coefficient: Typ. 0.05%/°C. Cooling: Recommended 24CFM cooling fan for full rating load. Power Density: 7.4 Watts / Cubic Inch. Construction: 4.5”x2.5“x1.2” PCB format. Note: Due to requests in market and advances in technology, specifications subject to change without notification. OUTPUT SPECIFICATION Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Connector: V-M connector. Output Wattage: Typ. 100 watts. Line Regulation: Typ. ±0.5%. Load Regulation: Main VO1 typ ±1%. Aux. VO2 typ. ±1%. Aux. VO3 typ. ±5%. Aux. VO4 typ. ±5%. Noise & Ripple: Typ. 1.0% peak to peak. OVP: Built-in at main output (Latch). Adjustability: Available at VO1 and VO2. Overload Protection (OLP): Fully protected against outputs overload and short circuit. Typ. OLP set at 110-150% of rating output power. Consult the factory for OLP setting. Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com Total Power International, Inc. |
유사한 부품 번호 - TPMI100-D050K |
|
유사한 설명 - TPMI100-D050K |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |