전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMPU31-302 데이터시트(PDF) 1 Page - Total Power International

부품명 TPMPU31-302
상세설명  30W Desk Top Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMPU31-302 데이터시트(HTML) 1 Page - Total Power International

  TPMPU31-302 Datasheet HTML 1Page - Total Power International TPMPU31-302 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage90to264VAC,47to63Hz
IEC-320-C14InputInlet
Singleto TripleOutput
OverVoltageandOverLoadprotection
ANSI/AAMIES60601-1:2005(UL/cUL 3rdEdition)
EN60601-1:2006(TUV/T-mark3rdEdition)
InputtoOutput:2MOPP
EnergyStar2.0,EfficiencylevelV
ClassI
3yearwarranty
ElectricalCharacteristics:
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
-BloodPressuresystem
-Portablemedicaldevices
-ECGmachine
fin
Po
Vo
Io
Iil
Iih
Ir
InputFrequency
OutputPowerRange
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
OA
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Operating Altitude
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
Pno
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C
CalculatedperMIL-HDBK-217F
,
°
No-LoadPowerConsumption
Vps
Vpg
Ris
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Noload,Vin=230VAC
Primarytosecondary
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
30WDeskTopType
TPMPU31 SERIES
MedicalPowerSupplies
100~240VAC
90~264VAC
Seeratingchart
Seeratingchart
Seeratingchart
0.9A
0.34A
47~63Hz
14A (max.)
28A (max.)
67.6~85%
±0.04%/°C
112~132%
110~150%
0.3~2S
12mS (min.)
1% (max.)
0.1mA (max.)
Upto3000m
1~2%(max.)
2~10%
4mS(max.)
Seeratingchart
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
6802VDC (min.)
2121VDC (min.)
50M
(min.)
Note: TheRipple&Noisewhichisunder3.3VDCat2%max.
The specifics fortestingthe energyefficiencyof
TPMPU31 Series areoutlinedinaseparatedocument titled
"TestMethod forCalculating the Energy Efficiencyof Single-VoltageExternal Ac-Dcand Ac-AcPowerSupplies
(August11, 2004),"whichis availableonthe ENERGY STAR Website.
RoHS
2002/95/EC
COMPLIANT
EN 60601-1
IEC 60601-1
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


유사한 부품 번호 - TPMPU31-302

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-102 TOTAL-POWER-TPMPU101-102 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-103 TOTAL-POWER-TPMPU101-103 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-104 TOTAL-POWER-TPMPU101-104 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU101-105 TOTAL-POWER-TPMPU101-105 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
More results

유사한 설명 - TPMPU31-302

제조업체부품명데이터시트상세설명
logo
MPS Industries, Inc.
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
HPU31B MPSIND-HPU31B Datasheet
272Kb / 2P
   30W Desk top type medical power supplies for health care applications
logo
Total Power Internation...
TPSPU31 TOTAL-POWER-TPSPU31 Datasheet
287Kb / 2P
   30W Desk Top I.T.E. Power Supplies
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU130 TOTAL-POWER-TPMPU130 Datasheet
378Kb / 2P
   130W Desk Top Type Medical Power Supplies
TPMPU64 TOTAL-POWER-TPMPU64 Datasheet
251Kb / 2P
   63W Desk Top Type Medical Power Supplies
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU16A TOTAL-POWER-TPMPU16A Datasheet
255Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com