전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53102-A2 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI53102-A2
상세설명  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 1:2 FAN-OUT CLOCK BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53102-A2 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI53102-A2 Datasheet HTML 1Page - Silicon Laboratories SI53102-A2 Datasheet HTML 2Page - Silicon Laboratories SI53102-A2 Datasheet HTML 3Page - Silicon Laboratories SI53102-A2 Datasheet HTML 4Page - Silicon Laboratories SI53102-A2 Datasheet HTML 5Page - Silicon Laboratories SI53102-A2 Datasheet HTML 6Page - Silicon Laboratories SI53102-A2 Datasheet HTML 7Page - Silicon Laboratories SI53102-A2 Datasheet HTML 8Page - Silicon Laboratories SI53102-A2 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Si53102-A1/A2/A3
4
Rev 1.2
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage (3.3 V Supply)
VDD
3.3 V ± 10%
2.97
3.3
3.63
V
Supply Voltage (2.5 V Supply)
VDD
2.5 V ± 10%
2.25
2.5
2.75
V
Table 2. DC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage (VDD = 3.3 V)
VDD
3.3 V ± 10%
2.97
3.30
3.63
V
Operating Voltage (VDD = 2.5 V)
VDD
2.5 V ± 10%
2.25
2.5
2.75
V
Operating Supply Current
IDD
Full Active
12
mA
Input Pin Capacitance
CIN
Input Pin Capacitance
3
5
pF
Output Pin Capacitance
COUT
Output Pin Capacitance
5
pF


유사한 부품 번호 - SI53102-A2

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53102-A2 SKYWORKS-SI53102-A2 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A2-GM SKYWORKS-SI53102-A2-GM Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A2-GMR SKYWORKS-SI53102-A2-GMR Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results

유사한 설명 - SI53102-A2

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com