전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPMPU51-306 데이터시트(PDF) 2 Page - Total Power International

부품명 TPMPU51-306
상세설명  50W Desk Top Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMPU51-306 데이터시트(HTML) 2 Page - Total Power International

  TPMPU51-306 Datasheet HTML 1Page - Total Power International TPMPU51-306 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DeratingC rve:
u
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:510~560gsapprox.
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPMPU51-102
TPMPU51-101
TPMPU51-103
TPMPU51-104
TPMPU51-105
TPMPU51-106
TPMPU51-107
TPMPU51-108
TPMPU51-109
TPMPU51-110
TPMPU51-111
MPU15C-110
5~6VDC
3~5VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~50VDC
10.0~8.00 A
8.00~6.66 A
7.00~5.25 A
5.63~4.00 A
4.00~3.46 A
3.46~2.81 A
3.12~2.38 A
2.30~1.85 A
1.85~1.51 A
1.51~1.25 A
1.25~1.00 A
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
6W
5W
4W
4W
3W
3W
3W
3W
3W
2W
2W
5%
5%
5%
4%
3%
3%
3%
2%
2%
2%
2%
40W
40W
42W
45W
45W
45W
50W
50W
50W
50W
50W
TPMPU51-200
TPMPU51-201
TPMPU51-202
TPMPU51-203
TPMPU51-204
TPMPU51-209
TPMPU51-210
TPMPU51-300
TPMPU51-301
TPMPU51-302
TPMPU51-303
TPMPU51-304
TPMPU51-305
TPMPU51-306
+3.3V
+3.3V
+12V
+15V
+3.3V
+5V
+5V
+5V
+5V
+5V
+3.3V
+5V
+5V
+5V
0.5A
0.5A
0.5A
0.5A
0.5A
0. A
3
0. A
2
0.5A
0.5A
0.5A
0.5A
0.5A
0.5A
0.5A
5A
5A
5A
5A
5A
3A
2A
5A
5A
5A
5A
5A
5A
5A
7%
5%
5%
5%
7%
5%
5%
7%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
0.2A
0.2A
0.
A
15
0.1A
0. A
2
2A
2A
1.5A
1A
2A
5%
5%
6%
5%
5%
+12V
+12V
+12V
+15V
+24V
+24V
+12V
0. A
4
0.2A
0.2A
0. A
4
0. A
2
0.1A
0. A
4
2A
2A
2A
2A
1A
1A
2A
5%
5%
5%
6%
5%
5%
5%
-12V
-5V
-12V
-15V
-24V
-12V
-5V
0 A
.1
0A
0 A
.1
0 A
.1
0A
0A
0 A
.1
0.8A
0.8A
0.8A
0.8A
0.5A
0.8A
0.8A
5%
5%
5%
5%
5%
5%
5%
-12V
-15V
0A
0. A
1
1A
1A
5%
5%
40W
42W
42W
42W
26.5W
42W
42W
42W
42W
42W
42W
42W
42W
42W
4W
6W
5W
5W
4W
4W
4W
5W
4W
4W
3W
4W
4W
4W
50WDeskTopType
TPMPU51 SERIES
MedicalPowerSupplies
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


유사한 부품 번호 - TPMPU51-306

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPMPU50 TOTAL-POWER-TPMPU50 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
TPMPU50-100 TOTAL-POWER-TPMPU50-100 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
TPMPU50-101 TOTAL-POWER-TPMPU50-101 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
TPMPU50-102 TOTAL-POWER-TPMPU50-102 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
TPMPU50-103 TOTAL-POWER-TPMPU50-103 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
More results

유사한 설명 - TPMPU51-306

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPSPU46 TOTAL-POWER-TPSPU46 Datasheet
270Kb / 2P
   50W Desk Top Type I.T.E. Power Supplies
logo
MPS Industries, Inc.
MPU50 MPSIND-MPU50 Datasheet
218Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU50 TOTAL-POWER-TPMPU50 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU31 TOTAL-POWER-TPMPU31 Datasheet
271Kb / 2P
   30W Desk Top Type Medical Power Supplies
TPMPU130 TOTAL-POWER-TPMPU130 Datasheet
378Kb / 2P
   130W Desk Top Type Medical Power Supplies
TPMPU64 TOTAL-POWER-TPMPU64 Datasheet
251Kb / 2P
   63W Desk Top Type Medical Power Supplies
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
   100W Desk Top Type Medical Power Supplies
TPMPU16A TOTAL-POWER-TPMPU16A Datasheet
255Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com