전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53360 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI53360
상세설명  1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53360 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI53360 Datasheet HTML 4Page - Silicon Laboratories SI53360 Datasheet HTML 5Page - Silicon Laboratories SI53360 Datasheet HTML 6Page - Silicon Laboratories SI53360 Datasheet HTML 7Page - Silicon Laboratories SI53360 Datasheet HTML 8Page - Silicon Laboratories SI53360 Datasheet HTML 9Page - Silicon Laboratories SI53360 Datasheet HTML 10Page - Silicon Laboratories SI53360 Datasheet HTML 11Page - Silicon Laboratories SI53360 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Si53360
8
Rev. 1.1
3. Pin Description: 16-TSSOP
Table 9. Si53360 Pin Description*
Pin #
Name
Type*
Description
1
OE
I
Output enable.
When OE= high, the clock outputs are enabled.
When OE= low, the clock outputs are tri-stated.
OE features an internal pull-up resistor, and may be left unconnected.
2VDD
P
Core voltage supply.
Bypass with 1.0
F capacitor and place as close to the VDD pin as possible.
3
Q0
O
Output clock 0.
4
Q1
O
Output clock 1.
5
Q2
O
Output clock 2.
6
Q3
O
Output clock 3.
7
GND
GND
Ground.
8
CLK0
I
Input clock 0.
9
CLK1
I
Input clock 1.
10
GND
GND
Ground.
11
Q4
O
Output clock 4.
12
Q5
O
Output clock 5.
13
Q6
O
Output clock 6.
14
Q7
O
Output clock 7.
*Note:
Pin types are: I = input, O = output, P = power, GND = ground.
CLK_SEL
VDD
Q7
Q6
Q5
Q4
CLK1
OE
VDD
Q0
Q1
Q2
Q3
CLK0
GND
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


유사한 부품 번호 - SI53360

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53360 SKYWORKS-SI53360 Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
SI53360-B-GT SKYWORKS-SI53360-B-GT Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results

유사한 설명 - SI53360

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com