전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP111VF 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP111VF
상세설명  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111VF 데이터시트(HTML) 4 Page - Texas Instruments

  CDCLVP111VF Datasheet HTML 1Page - Texas Instruments CDCLVP111VF Datasheet HTML 2Page - Texas Instruments CDCLVP111VF Datasheet HTML 3Page - Texas Instruments CDCLVP111VF Datasheet HTML 4Page - Texas Instruments CDCLVP111VF Datasheet HTML 5Page - Texas Instruments CDCLVP111VF Datasheet HTML 6Page - Texas Instruments CDCLVP111VF Datasheet HTML 7Page - Texas Instruments CDCLVP111VF Datasheet HTML 8Page - Texas Instruments CDCLVP111VF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
PowerPAD
(0)
CDCLVP111
SCAS859F – JANUARY 2009 – REVISED JUNE 2015
www.ti.com
5 Pin Configuration and Functions
RHB, VF, or VFP Package
32-Pin VQFN, LQFP, or HLQFP
Top View
Pin Functions(1)
PIN
TYPE
DESCRIPTION
NAME
NO.
Clock select. Used to select between CLK0 and CLK1 input pairs. LVTTL/LVCMOS
CLK_SEL
2
Input
functionality compatible.
3
CLK0, CLK0
4
Input
Differential LVECL/LVPECL input pair
6
CLK1, CLK1
7
11
13
15
18
20
Q [9:0]
Output
LVECL/LVPECL clock outputs, these outputs provide low-skew copies of CLKn.
22
24
27
29
31
10
12
14
17
19
Q[9:0]
Output
LVECL/LVPECL complementary clock outputs, these outputs provide copies of CLKn.
21
23
26
28
30
VBB
5
Reference voltage output for single-ended input operation
(1)
CLKn, CLK_SEL pulldown resistor = 75 k
Ω; CLKn pullup resistor = 37.5 kΩ; CLKn pulldown resistor = 50 kΩ.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: CDCLVP111


유사한 부품 번호 - CDCLVP111VF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP111VF TI-CDCLVP111VF Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111VFR TI-CDCLVP111VFR Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

유사한 설명 - CDCLVP111VF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com