전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP2104RHDR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP2104RHDR
상세설명  Eight-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2104RHDR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CDCLVP2104RHDR Datasheet HTML 4Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 5Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 6Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 7Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 8Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 9Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 10Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 11Page - Texas Instruments CDCLVP2104RHDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CDCLVP2104
SCAS889B – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
Timing Requirements, at VCC = 2.375 V to 2.625 V (continued)
Refer to Figure 1 and Figure 2.
MIN
NOM
MAX
UNIT
fOUT = 100 MHz, VIN,SE = VCC,
0.089
ps, RMS
Vth = 1.25 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,SE = 0.9 V,
0.093
ps, RMS
Vth = 1.1 V, 10 kHz to 20 MHz
fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V,
0.037
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
Random additive jitter (with 50% duty
tRJIT
fOUT = 100 MHz, VIN,DIFF,PP = 0.15 V,
cycle input)
0.094
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,DIFF,PP = 1 V,
0.091
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT,4 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 3 = 62.5 MHz,
–50.1
dBc
VIN,SE,1 = VCC, Vth, 1 = VCC/2
fOUT,4 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 3 = 62.5 MHz,
–64.3
VIN,DIFF,PP,1 = 1 V, VICM, 1 = 1 V
Coupling on differential OUT4 from
fOUT,4 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
OUT3 in the frequency spectrum
PSPUR
VICM, 0 = 1 V, fOUT, 3 = 15.625 MHz,
–49.8
dBc
of fOUT, 4 ±(fOUT, 4/2) with
VIN,SE,1 = VCC, Vth, 1 = VCC/2
synchronous inputs
fOUT,4 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 3 = 15.625 MHz,
–64.3
VIN,DIFF,PP,1 = 1 V, VICM, 1 = 1 V
tR/tF
Output rise/fall time
20% to 80%
200
ps
6.10 Timing Requirements
Refer to Figure 1 and Figure 2.
MIN
NOM
MAX
UNIT
VIN, DIFF, PP = 0.1V
450
tPD
Propagation delay
ps
VIN, DIFF, PP = 0.3V
450
tSK,PP
Part-to-part skew
125
ps
tSK,O_WB
Within bank output skew
15
ps
tSK,O_BB
Bank-to-bank output skew
Both inputs have equal skew
20
ps
Pulse skew (with 50% duty cycle
Crossing-point-to-crossing-point distortion,
tSK,P
–50
50
ps
input)
fOUT = 100 MHz
8
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2104


유사한 부품 번호 - CDCLVP2104RHDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP2104RHDR TI1-CDCLVP2104RHDR Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
More results

유사한 설명 - CDCLVP2104RHDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP1208 TI1-CDCLVP1208 Datasheet
766Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock 2:8 Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com